Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-192H Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADE-192H
Description  Frequency Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-192H Datasheet(HTML) 1 Page - Mini-Circuits

  ADE-192H Datasheet HTML 1Page - Mini-Circuits ADE-192H Datasheet HTML 2Page - Mini-Circuits ADE-192H Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 3
Level 17 (LO Power +17 dBm) 100 to 1910 MHz
Frequency Mixer
Surface Mount
ADE-192H+
CASE STYLE: CD542
The Big Deal
• High IP3, +23 dBm
• Low conversion loss, 8.6 dB
• Excellent P1dB compression, +17 dBm at input
• High L-R isolation, 35 dB
Product Overview
Mini-Circuits’ ADE-192H+ is a surface mount triple balanced frequency mixer providing high IP3 perfor-
mance, ideal for minimizing 3rd order intermodulation distortion in multiple carrier environments and other
systems where unwanted signals may be present. This model also provides high isolation, high P1dB
compression point, and low conversion loss. The mixer comes in a compact, six-lead plastic case mea-
suring 0.27 x 0.31 x 0.22”, saving space in dense board layouts.
Key Features
Feature
Advantages
High IP3, +23 dBm
Minimizes third order intermodulation distortion and enables high-dynamic range.
Low conversion loss, 8.6 dB
Enables lower NF front ends, improving system sensitivity.
Excellent P1dB compression, +17 dBm
at input
Provides linear performance for a wide range of RF input power levels.
High isolation,
• L-R, 35 dB
• L-I, 33 dB
Preserves signal integrity from input to output and reduces undesired signal responses
that can interfere with system performance.
Small size, 0.27 x 0.31 x 0.22”
Saves board space and accommodates tight layouts.


Similar Part No. - ADE-192H

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
145Kb / 2P
Frequency Mixer
ADE-1+ MINI-ADE-1+ Datasheet
231Kb / 2P
Frequency Mixer
ADE-10H MINI-ADE-10H Datasheet
298Kb / 2P
Frequency Mixer
ADE-10H+ MINI-ADE-10H+ Datasheet
298Kb / 2P
Frequency Mixer
More results

Similar Description - ADE-192H

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
Frequency Mixer
VAY-1 MINI-VAY-1 Datasheet
213Kb / 2P
Frequency Mixer
ZAD-11H MINI-ZAD-11H Datasheet
288Kb / 2P
Frequency Mixer
ZFM-3H MINI-ZFM-3H Datasheet
261Kb / 2P
Frequency Mixer
ZFM-4 MINI-ZFM-4 Datasheet
264Kb / 2P
Frequency Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com