Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-192H Datasheet(PDF) 2 Page - Mini-Circuits

Part # ADE-192H
Description  Frequency Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-192H Datasheet(HTML) 2 Page - Mini-Circuits

  ADE-192H Datasheet HTML 1Page - Mini-Circuits ADE-192H Datasheet HTML 2Page - Mini-Circuits ADE-192H Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 3
Level 17 (LO Power +17 dBm) 100 to 1910 MHz
Frequency Mixer
Surface Mount
CASE STYLE: CD542
Demo Board MCL P/N: TB-03
Suggested PCB Layout (PL-052)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pad Connections
LO
6
RF
2
IF
3
GROUND
1,4,5
Outline Drawing
REV. A
M151107
ADE-192H+
ED-13397/1
WL/CP/AM
150518
IF
LO
R F
A
B
C
D
E
F
G
.272
.310
.220
.100
.112
.055
.100
6.91
7.87
5.59
2.54
2.84
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.20
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+17dBm
LO
+17dBm
LO
+17dBm
LO
+17dBm
LO
+20dBm
Typical Performance Data
Electrical Schematic
ADE-192H+
Features
• low conversion loss, 7.8 dB typ.
• excellent IP3, 26 dB typ.
• low profile package
• aqueous washable
• protected by US patent 6,133,525
Applications
• PCS
• cellular
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
250mW
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±
� .002
100.00
150.00
8.19
30.77
28.93
1.02
1.16
170.00
220.00
8.24
31.21
29.22
1.03
1.19
205.00
255.00
8.14
31.46
29.36
1.04
1.17
310.00
360.00
8.10
32.12
29.77
1.11
1.19
415.00
465.00
8.04
33.02
30.34
1.20
1.20
555.00
605.00
8.07
35.02
31.33
1.31
1.27
625.00
675.00
7.91
36.19
31.60
1.37
1.31
730.00
780.00
7.98
37.96
32.05
1.46
1.39
800.00
850.00
7.92
39.31
32.25
1.53
1.36
905.00
955.00
7.83
41.10
32.34
1.53
1.51
1005.00
1055.00
7.68
40.64
31.88
1.53
1.65
1110.00
1160.00
7.61
36.11
32.49
1.55
1.67
1215.00
1265.00
7.60
36.93
33.69
1.64
1.61
1320.00
1370.00
7.55
39.08
35.06
1.83
1.59
1425.00
1475.00
7.48
39.30
35.87
1.91
1.66
1530.00
1580.00
7.53
37.77
36.54
1.92
1.75
1600.00
1650.00
7.44
38.76
38.14
2.05
1.70
1705.00
1755.00
7.48
38.58
39.17
1.88
1.77
1810.00
1860.00
7.62
38.18
38.75
1.77
1.89
1910.00
1960.00
7.97
38.56
36.96
1.87
2.05
Permanent damage may occur if any of these limits are exceeded.
Parameter
Min.
Typ.
Max.
Unit
Frequency Range, RF/LO
100
—
1910
MHz
Frequency Range, IF
50
—
1800
MHz
Conversion Loss
—
8.6
9.8
dB
LO to RF Isolation
24
35
—
dB
LO to IF Isolation
23
33
—
dB
IP3
—
23
—
dBm
RF Input Power at 1 dB Compression
—
+17
—
dBm
Electrical Specifications at 25°C
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
10, 20, 50, 100, 200, 500
13”
500, 1000



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com