Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C86 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # 80C86
Description  CMOS 16-Bit Microprocessor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80C86 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button 80C86 Datasheet HTML 20Page - Renesas Technology Corp 80C86 Datasheet HTML 21Page - Renesas Technology Corp 80C86 Datasheet HTML 22Page - Renesas Technology Corp 80C86 Datasheet HTML 23Page - Renesas Technology Corp 80C86 Datasheet HTML 24Page - Renesas Technology Corp 80C86 Datasheet HTML 25Page - Renesas Technology Corp 80C86 Datasheet HTML 26Page - Renesas Technology Corp 80C86 Datasheet HTML 27Page - Renesas Technology Corp 80C86 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
80C86
FN2957 Rev 4.00
Page 24 of 38
August 19, 2015
(34)
TCLDX2
Data Hold Time
CL = 100pF for All
80C86 Outputs (In
Addition to 80C86 Self
Load)
10
10
ns
(35)
TCVNV
Control Active Delay (Note 11)
CL = 100pF for All
80C86 Outputs (In
Addition to 80C86 Self
Load)
5
45545
ns
(36)
TCVNX
Control Inactive Delay (Note 11)
CL = 100pF
10
45
10
45
ns
(37)
TAZRL
Address Float to Read Active
CL = 100pF
0
0
ns
(38)
TCLRL
RD Active Delay
CL = 100pF
10
165
10
100
ns
(39)
TCLRH
RD Inactive Delay
CL = 100pF
10
150
10
80
ns
(40)
TRHAV
RD Inactive to Next Address Active
CL = 100pF
TCLCL
- 45
TCLCL
- 40
ns
(41)
TCHDTL
Direction Control Active Delay
(Note 11)
CL = 100pF
50
50
ns
(42)
TCHDTH
Direction Control Inactive Delay
(Note 11)
CL = 100pF
30
30
ns
(43)
TCLGL
GT Active Delay
CL = 100pF
10
85
0
50
ns
(44)
TCLGH
GT Inactive Delay
CL = 100pF
10
85
0
50
ns
(45)
TRLRH
RD Width
CL = 100pF
2TCLCL
- 75
2TCLCL
- 50
ns
(46)
TOLOH
Output Rise Time
From 0.8V to 2.0V
20
15
ns
(47)
TOHOL
Output Fall Time
From 2.0V to 0.8V
20
15
ns
NOTES:
11. Signal at 82C84A or 82C88 shown for reference only.
12. Setup requirement for asynchronous signal only to guarantee recognition at next CLK.
13. Applies only to t2 state (8ns into t3).
14. The 80C86 actively pulls the RQ/GT pin to a logic one on the following clock low time.
15. Status lines return to their inactive (logic one) state after CLK goes low and READY goes high.
AC Electrical Specifications
VCC = 5.0V ±10%TA = 0°C to +70°C (C80C86, C80C86-2)
VCC = 5.0V ±10%;TA = -55°C to +125°C (M80C86)
VCC = 5.0V ±5%;TA = -55°C to +125°C (M80C86-2). Parameters with MIN and/or MAX limits are 100%
tested at +25°C, unless otherwise specified. Temperature limits established by characterization and are
not production tested. (Continued)
TIMING REQUIREMENTS
TEST CONDITIONS
80C86
80C86-2
UNITS
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com