Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C86 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 80C86
Description  CMOS 16-Bit Microprocessor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80C86 Datasheet(HTML) 1 Page - Renesas Technology Corp

  80C86 Datasheet HTML 1Page - Renesas Technology Corp 80C86 Datasheet HTML 2Page - Renesas Technology Corp 80C86 Datasheet HTML 3Page - Renesas Technology Corp 80C86 Datasheet HTML 4Page - Renesas Technology Corp 80C86 Datasheet HTML 5Page - Renesas Technology Corp 80C86 Datasheet HTML 6Page - Renesas Technology Corp 80C86 Datasheet HTML 7Page - Renesas Technology Corp 80C86 Datasheet HTML 8Page - Renesas Technology Corp 80C86 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
FN2957 Rev 4.00
Page 1 of 38
August 19, 2015
FN2957
Rev 4.00
August 19, 2015
80C86
CMOS 16-Bit Microprocessor
DATASHEET
The Intersil 80C86 high performance 16-bit CMOS CPU is
manufactured using a self-aligned silicon gate CMOS
process (Scaled SAJI IV). Two modes of operation,
minimum for small systems and maximum for larger
applications such as multiprocessing, allow user
configuration to achieve the highest performance level. Full
TTL compatibility (with the exception of CLOCK) and
industry standard operation allow use of existing NMOS
8086 hardware and software designs.
Features
• Compatible with NMOS 8086
• Completely Static CMOS Design
- DC . . . . . . . . . . . . . . . . . . . . . . . . . . . .8MHz (80C86-2)
• Low Power Operation
- lCCSB . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500mA Max
- ICCOP . . . . . . . . . . . . . . . . . . . . . . . . . 10mA/MHz Typ
• 1MByte of Direct Memory Addressing Capability
• 24 Operand Addressing Modes
• Bit, Byte, Word and Block Move Operations
• 8-Bit and 16-Bit Signed/Unsigned Arithmetic
- Binary, or Decimal
- Multiply and Divide
• Wide Operating Temperature Range
- C80C86 . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
- M80C86 . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
• Pb-Free Available (RoHS Compliant)
Ordering Information
PART NUMBER
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
CP80C86-2Z
(Note)
CP80C86-2Z
0 to +70
40 Ld PDIP*
(Pb-free)
E40.6
MD80C86-2/883 MD80C86-2/883 -55 to +125 40 Ld CERDIP F40.6
MD80C86-2/B
MD80C86-2/B
-55 to +125 40 Ld CERDIP F40.6
8405202QA
8405202QA
-55 to +125 40 Ld CERDIP
(SMD)
F40.6
*Pb-free PDIPs can be used for through-hole wave solder processing only.
They are not intended for use in Reflow solder processing applications.
NOTE: These Intersil Pb-free plastic packaged products employ special
Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant
and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures
that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.


Similar Part No. - 80C86

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
80C86 INTERSIL-80C86 Datasheet
339Kb / 35P
CMOS 16-Bit Microprocessor
January 9, 2009
80C86 INTERSIL-80C86 Datasheet
804Kb / 37P
CMOS 16-Bit Microprocessor
August 22, 2006
80C86 INTERSIL-80C86 Datasheet
686Kb / 37P
CMOS 16-Bit Microprocessor
January 9, 2009
80C86 INTERSIL-80C86_06 Datasheet
804Kb / 37P
CMOS 16-Bit Microprocessor
August 22, 2006
More results

Similar Description - 80C86

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM80C86A-10RS OKI-MSM80C86A-10RS Datasheet
269Kb / 37P
16-Bit CMOS MICROPROCESSOR
logo
California Micro Device...
G65SC816 CALMIRCO-G65SC816 Datasheet
115Kb / 2P
CMOS 8/16-BIT MICROPROCESSOR FAMILY
logo
Intersil Corporation
80C86 INTERSIL-80C86 Datasheet
339Kb / 35P
CMOS 16-Bit Microprocessor
January 9, 2009
80C88 INTERSIL-80C88 Datasheet
246Kb / 32P
CMOS 8/16-Bit Microprocessor
March 1997
HS-80C86RH INTERSIL-HS-80C86RH Datasheet
239Kb / 37P
Radiation Hardened 16-Bit CMOS Microprocessor
1995 09
80C88 INTERSIL-80C88_04 Datasheet
620Kb / 32P
CMOS 8/16-Bit Microprocessor
November 2004
80C86 INTERSIL-80C86_06 Datasheet
804Kb / 37P
CMOS 16-Bit Microprocessor
August 22, 2006
80C88 INTERSIL-80C88_08 Datasheet
606Kb / 38P
CMOS 8-/16-Bit Microprocessor
February 22, 2008
80C86 INTERSIL-80C86 Datasheet
686Kb / 37P
CMOS 16-Bit Microprocessor
January 9, 2009
logo
Renesas Technology Corp
80C88 RENESAS-80C88 Datasheet
1Mb / 39P
CMOS 8-/16-Bit Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com