Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C84A Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 82C84A
Description  CMOS Clock Generator Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82C84A Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 82C84A Datasheet HTML 5Page - Renesas Technology Corp 82C84A Datasheet HTML 6Page - Renesas Technology Corp 82C84A Datasheet HTML 7Page - Renesas Technology Corp 82C84A Datasheet HTML 8Page - Renesas Technology Corp 82C84A Datasheet HTML 9Page - Renesas Technology Corp 82C84A Datasheet HTML 10Page - Renesas Technology Corp 82C84A Datasheet HTML 11Page - Renesas Technology Corp 82C84A Datasheet HTML 12Page - Renesas Technology Corp 82C84A Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
82C84A
FN2974 Rev 4.00
Page 11 of 13
Sep 9, 2015
Burn-In Circuits
MD82C84A CERDIP
MR82C84A CLCC
NOTES:
VCC = 5.5V 0.5V, GND = 0V.
VIH = 4.5V 10%.
VIL = -0.2 to 0.4V.
R1 = 47k
, 5%.
R2 = 10k
, 5%.
R3 = 2.2k
, 5%.
R4 = 1.2k
, 5%.
C1 = 0.01
F (minimum).
F0 = 100kHz
10%.
F1 = F0/2, F2 = F1/2, . . . F12 = F11/2.
10
11
12
13
14
15
16
17
18
9
8
7
6
5
4
3
2
1
R2
R2
R1
R1
R1
R1
R1
R2
R2
R2
R2
R1
R2
R2
R2
R2
R2
R1
R1
R1
R3
VCC
C1
VCC
GND
VCC
GND
F11
F1
F10
OPEN
F0
F12
VCC
GND
VCC
GND
VCC
GND
F9
F6
F5
F7
F8
4
5
6
7
8
910 11 12 13
32
1
20 19
15
14
18
17
16
VCC
C1
R4
R4
R4
R4
R4
R4
R4
OPEN
F8
F7
VCC / 2
F5
OPEN
F11
F1
F10
OPEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com