Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3140AM Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # CA3140AM
Description  4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CA3140AM Datasheet(HTML) 2 Page - Renesas Technology Corp

  CA3140AM Datasheet HTML 1Page - Renesas Technology Corp CA3140AM Datasheet HTML 2Page - Renesas Technology Corp CA3140AM Datasheet HTML 3Page - Renesas Technology Corp CA3140AM Datasheet HTML 4Page - Renesas Technology Corp CA3140AM Datasheet HTML 5Page - Renesas Technology Corp CA3140AM Datasheet HTML 6Page - Renesas Technology Corp CA3140AM Datasheet HTML 7Page - Renesas Technology Corp CA3140AM Datasheet HTML 8Page - Renesas Technology Corp CA3140AM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
CA3140, CA3140A
FN957 Rev.10.00
Page 2 of 24
Jul 11, 2005
Ordering Information
PART NUMBER
(BRAND)
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
CA3140AE
-55 to 125
8 Ld PDIP
E8.3
CA3140AEZ*
(See Note)
-55 to 125
8 Ld PDIP
(Pb-free)
E8.3
CA3140AM
(3140A)
-55 to 125
8 Ld SOIC
M8.15
CA3140AM96
(3140A)
-55 to 125
8 Ld SOIC Tape and Reel
CA3140AMZ
(3140A) (See Note)
-55 to 125
8 Ld SOIC
(Pb-free)
M8.15
CA3140AMZ96
(3140A) (See Note)
-55 to 125
8 Ld SOIC Tape and Reel
(Pb-free)
CA3140E
-55 to 125
8 Ld PDIP
E8.3
CA3140EZ*
(See Note)
-55 to 125
8 Ld PDIP
(Pb-free)
E8.3
CA3140M
(3140)
-55 to 125
8 Ld SOIC
M8.15
CA3140M96
(3140)
-55 to 125
8 Ld SOIC Tape and Reel
CA3140MZ
(3140) (See Note)
-55 to 125
8 Ld SOIC
(Pb-free)
M8.15
CA3140MZ96
(3140) (See Note)
-55 to 125
8 Ld SOIC Tape and Reel
(Pb-free)
*Pb-free PDIPs can be used for through hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures
that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-
020.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com