Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3140AM Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # CA3140AM
Description  4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CA3140AM Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button CA3140AM Datasheet HTML 16Page - Renesas Technology Corp CA3140AM Datasheet HTML 17Page - Renesas Technology Corp CA3140AM Datasheet HTML 18Page - Renesas Technology Corp CA3140AM Datasheet HTML 19Page - Renesas Technology Corp CA3140AM Datasheet HTML 20Page - Renesas Technology Corp CA3140AM Datasheet HTML 21Page - Renesas Technology Corp CA3140AM Datasheet HTML 22Page - Renesas Technology Corp CA3140AM Datasheet HTML 23Page - Renesas Technology Corp CA3140AM Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
CA3140, CA3140A
FN957 Rev.10.00
Page 21 of 24
Jul 11, 2005
FIGURE 35. EQUIVALENT INPUT NOISE VOLTAGE vs
FREQUENCY
FIGURE 36. POWER SUPPLY REJECTION RATIO vs FREQUENCY
Typical Performance Curves (Continued)
SUPPLY VOLTAGE: VS =15V
TA = 25oC
FREQUENCY (Hz)
1101
102
103
104
105
100
10
1
1000
102
103
104
105
106
107
FREQUENCY (Hz)
100
80
60
40
20
0
+PSRR
-PSRR
SUPPLY VOLTAGE: VS =15V
TA = 25oC
POWER SUPPLY REJECTION RATIO
(PSRR) =
VIO/VS
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com