Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPDCD3-B Datasheet(PDF) 2 Page - Crydom Inc.,

Part # MPDCD3-B
Description  PCB Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

MPDCD3-B Datasheet(HTML) 2 Page - Crydom Inc.,

  MPDCD3-B Datasheet HTML 1Page - Crydom Inc., MPDCD3-B Datasheet HTML 2Page - Crydom Inc., MPDCD3-B Datasheet HTML 3Page - Crydom Inc., MPDCD3-B Datasheet HTML 4Page - Crydom Inc., MPDCD3-B Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DataSheet
PCB Mount
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
INPUT SPECIFICATIONS (1)
DC Output
Description
Control Voltage Range [VDC]
3-32
3.0
Typical Input Current @ 32VDC [mA]
Must Turn On Voltage [VDC]
Nominal Input Impedance [Ohm]
23
Maximum Turn-Off Time [msec]
1500
0.1
DC Output (-B)
Must Turn Off Voltage [VDC]
1.0
Maximum Turn-On Time [msec]
0.1
3-32
1.0
23
1500
0.1
3.0
0.1
AC Output
3-32
3.0
23
1500
1/2 Cycle
1.0
1/2 Cycle
GENERAL SPECIFICATIONS
Parameters
Description
Dielectric Strength, Input/Output (50/60Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 V DC)
10 9 Ohms
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range
-40ºC to 80ºC
Ambient Storage Temperature Range
-40ºC to 125ºC
0.7 oz. (20g)
Weight (typical)
Thermally Conductive Epoxy
Encapsulation
Enclosure and PCB
Meets the requirements of IEC60335-1
GENERAL NOTES
1) All parameters at 25°C unless otherwise specified.
2) Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
3) Inductive loads should be diode suppressed
WIRING DIAGRAM
TRIGGER
CIRCUIT
4
B
A
AC
-DC
+DC
Load can be wired in location A or B
AC
2
1
3
4
B
-DC
+DC
+DC
-DC
+
+
A
2
1
3
(3)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com