Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPDCD3-B Datasheet(PDF) 3 Page - Crydom Inc.,

Part # MPDCD3-B
Description  PCB Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

MPDCD3-B Datasheet(HTML) 3 Page - Crydom Inc.,

  MPDCD3-B Datasheet HTML 1Page - Crydom Inc., MPDCD3-B Datasheet HTML 2Page - Crydom Inc., MPDCD3-B Datasheet HTML 3Page - Crydom Inc., MPDCD3-B Datasheet HTML 4Page - Crydom Inc., MPDCD3-B Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DataSheet
PCB Mount
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
THERMAL DERATE INFORMATION
Designed in accordance with the requirements of IEC 62314
AGENCY APPROVALS
Agency Approvals
LR 81689
MECHANICAL SPECIFICATIONS
Tolerances: ±0.02 in / 0.5 mm
All dimensions are in: inches [millimeters]
BOTTOM VIEW
LOAD
1
2
3 4
CONTROL
1 draft
top to base
.040 (1.0) DIA.
(4 PLACES)
1.00
(25.4)
.25 TYP. (6.35)
0.25
(.64)
0.20
(5.1)
.40
(10.2)
.015
(4.1)
1.70
(43.1)
1.10
(27.9)
.70
(17.8)
3.0
2.0
1.0
20
40
60
80
0
Ambient Temperature (ºC)
4.0
MP240D4
MP120D3
MP240D3
MPDCD3
MPDCD3-B
Rev. 081017
ECN 20296
E116950 (120D3,240D3 and 240D4 Only)
REG.-Nr. 5900



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com