Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2250CSZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # EL2250CSZ
Description  125MHz Single Supply Dual/Quad Op Amps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2250CSZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  EL2250CSZ Datasheet HTML 1Page - Renesas Technology Corp EL2250CSZ Datasheet HTML 2Page - Renesas Technology Corp EL2250CSZ Datasheet HTML 3Page - Renesas Technology Corp EL2250CSZ Datasheet HTML 4Page - Renesas Technology Corp EL2250CSZ Datasheet HTML 5Page - Renesas Technology Corp EL2250CSZ Datasheet HTML 6Page - Renesas Technology Corp EL2250CSZ Datasheet HTML 7Page - Renesas Technology Corp EL2250CSZ Datasheet HTML 8Page - Renesas Technology Corp EL2250CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
EL2250, EL2450
FN7061 Rev 3.00
Page 4 of 15
May 19, 2006
AC Electrical Specifications VS = +5V, GND = 0V, TA = 25°C, VCM = +1.5V, VOUT = +1.5V, AV = +1, RF = 0, RL = 150 to GND pin,
unless otherwise specified. (Note 1)
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BW
-3dB Bandwidth
(VOUT = 400mVP-P)
VS = +5V, AV = +1, RF = 0
125
MHz
VS = +5V, AV = -1, RF = 500
60
MHz
VS = +5V, AV = +2, RF = 500
60
MHz
VS = +5V, AV = +10, RF = 500
6MHz
VS = +12V, AV = +1, RF = 0
150
MHz
VS = +3V, AV = +1, RF = 0
100
MHz
BW
±0.1dB Bandwidth
(VOUT = 400mVP-P)
VS = +12V, AV = +1, RF = 0
25
MHz
VS = +5V, AV = +1, RF = 0
30
MHz
VS = +3V, AV = +1, RF = 0
20
MHz
GBWP
Gain Bandwidth Product
VS = +12V, @ AV = +10
60
MHz
PM
Phase Margin
RL = 1k, CL = 6pF
55
°
SR
Slew Rate
VS = +10V, RL = 150, VOUT = 0V to +6V
200
275
V/µs
VS = +5V, RL = 150, VOUT = 0V to +3V
300
V/µs
tR, tF
Rise Time, Fall Time
±0.1V Step
2.8
ns
OS
Overshoot
±0.1V Step
10
%
tPD
Propagation Delay
±0.1V Step
3.2
ns
tS
0.1% Settling Time
VS = ±5V, RL = 500, AV = +1, VOUT = ±3V
40
ns
0.01% Settling Time
VS = ±5V, RL = 500, AV = +1, VOUT = ±3V
75
ns
dG
Differential Gain (Note 2)
AV = +2, RF = 1k
0.05
%
dP
Differential Phase (Note 2)
AV = +2, RF = 1k
0.05
°
eN
Input Noise Voltage
f = 10kHz
48
nV/
Hz
iN
Input Noise Current
f = 10kHz
1.25
pA/
Hz
NOTES:
1. All AC tests are performed on a “warmed up” part, except slew rate, which is pulse tested.
2. Standard NTSC signal = 286mVP-P, f = 3.58MHz, as VIN is swept from 0.6V to 1.314V; RL is DC coupled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com