Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2250CSZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL2250CSZ
Description  125MHz Single Supply Dual/Quad Op Amps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2250CSZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL2250CSZ Datasheet HTML 1Page - Renesas Technology Corp EL2250CSZ Datasheet HTML 2Page - Renesas Technology Corp EL2250CSZ Datasheet HTML 3Page - Renesas Technology Corp EL2250CSZ Datasheet HTML 4Page - Renesas Technology Corp EL2250CSZ Datasheet HTML 5Page - Renesas Technology Corp EL2250CSZ Datasheet HTML 6Page - Renesas Technology Corp EL2250CSZ Datasheet HTML 7Page - Renesas Technology Corp EL2250CSZ Datasheet HTML 8Page - Renesas Technology Corp EL2250CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FN7061 Rev 3.00
Page 1 of 15
May 19, 2006
FN7061
Rev 3.00
May 19, 2006
EL2250, EL2450
125MHz Single Supply Dual/Quad Op Amps
DATASHEET
The EL2250/EL2450 are part of a family of the electronics
industry’s fastest single supply op amps available. Prior
single supply op amps have generally been limited to
bandwidths and slew rates to that of the EL2250/EL2450.
The 125MHz bandwidth, 275V/µs slew rate, and
0.05%/0.05° differential gain/differential phase makes this
part ideal for single or dual supply video speed applications.
With its voltage feedback architecture, this amplifier can
accept reactive feedback networks, allowing them to be
used in analog filtering applications. The inputs can sense
signals below the bottom supply rail and as high as 1.2V
below the top rail. Connecting the load resistor to ground
and operating from a single supply, the outputs swing
completely to ground without saturating. The outputs can
also drive to within 1.2V of the top rail. The EL2250/EL2450
will output ±100mA and will operate with single supply
voltages as low as 2.7V, making them ideal for portable, low
power applications.
The EL2250/EL2450 are available in PDIP and SO
packages in industry standard pin outs. Both parts operate
over the industrial temperature range of -40°C to +85°C, and
are part of a family of single supply op amps. For single
amplifier applications, see the EL2150/EL2157. For dual and
triple amplifiers with power down and output voltage clamps,
see the EL2257/EL2357.
Features
• Specified for +3V, +5V, or ±5V applications
• Large input common mode range
0V < VCM < VS -1.2V
• Output swings to ground without saturating
• -3dB bandwidth = 125MHz
• ±0.1dB bandwidth = 30MHz
• Low supply current = 5mA (per amplifier)
• Slew rate = 275V/µs
• Low offset voltage = 4mV max
• Output current = ±100mA
• High open loop gain = 80dB
• Differential gain = 0.05%
• Differential phase = 0.05°
• Pb-free plus anneal available (RoHS compliant)
Applications
• Video amplifiers
• PCMCIA applications
•A/D drivers
• Line drivers
• Portable computers
• High speed communications
• RGB printers, FAX, scanners
• Broadcast equipment
• Active filtering
Ordering Information
PART NUMBER
PART
MARKING
TAPE &
REEL
PACKAGE
PKG.
DWG. #
EL2250CN
EL2250CN
-
8 Ld PDIP
MDP0031
EL2250CS
2250CS
-
8 Ld SO
MDP0027
EL2250CS-T7
2250CS
7”
8 Ld SO
MDP0027
EL2250CS-T13
2250CS
13”
8 Ld SO
MDP0027
EL2250CSZ
(Note)
2250CSZ
-
8 Ld SO
(Pb-free)
MDP0027
EL2250CSZ-T7
(Note)
2250CSZ
7”
8 Ld SO
(Pb-free)
MDP0027
EL2250CSZ-T13
(Note)
2250CSZ
13”
8 Ld SO
(Pb-free)
MDP0027
EL2450CN
EL2450CN
-
14 Ld PDIP MDP0031
EL2450CS
2450CS
-
14 Ld SO
MDP0027
EL2450CS-T7
2450CS
7”
14 Ld SO
MDP0027
EL2450CS-T13
2450CS
13”
14 Ld SO
MDP0027
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
NOT RECOMMENDED FOR NEW DESIGNS
NO RECOMMENDED REPLACEMENT
contact our Technical Support Center at
1-888-INTERSIL or www.intersil.com/tsc


Similar Part No. - EL2250CSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2250CSZ INTERSIL-EL2250CSZ Datasheet
419Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
June 7, 2005
EL2250CSZ INTERSIL-EL2250CSZ Datasheet
362Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
EL2250CSZ-T13 INTERSIL-EL2250CSZ-T13 Datasheet
419Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
June 7, 2005
EL2250CSZ-T13 INTERSIL-EL2250CSZ-T13 Datasheet
362Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
EL2250CSZ-T7 INTERSIL-EL2250CSZ-T7 Datasheet
419Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
June 7, 2005
More results

Similar Description - EL2250CSZ

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2250C ELANTEC-EL2250C Datasheet
595Kb / 17P
125MHz Single Supply Dual/Quad Op Amps
logo
Linear Technology
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Maxim Integrated Produc...
MAX473 MAXIM-MAX473 Datasheet
144Kb / 12P
Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
logo
Intersil Corporation
EL2150 INTERSIL-EL2150 Datasheet
620Kb / 19P
125MHz Single Supply, Clamping Op Amps
March 12, 2004
EL2450 INTERSIL-EL2450 Datasheet
419Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
June 7, 2005
EL2250 INTERSIL-EL2250_06 Datasheet
362Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_08 Datasheet
6Mb / 17P
1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
MAX406 MAXIM-MAX406_09 Datasheet
7Mb / 16P
Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241 Datasheet
961Kb / 13P
Single/Quad/Dual Op Amps
Rev 5; 1/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com