Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2386CS Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # EL2386CS
Description  250MHz Triple Current Feedback Amplifier with Disable
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2386CS Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button EL2386CS Datasheet HTML 5Page - Renesas Technology Corp EL2386CS Datasheet HTML 6Page - Renesas Technology Corp EL2386CS Datasheet HTML 7Page - Renesas Technology Corp EL2386CS Datasheet HTML 8Page - Renesas Technology Corp EL2386CS Datasheet HTML 9Page - Renesas Technology Corp EL2386CS Datasheet HTML 10Page - Renesas Technology Corp EL2386CS Datasheet HTML 11Page - Renesas Technology Corp EL2386CS Datasheet HTML 12Page - Renesas Technology Corp EL2386CS Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
FN7155 Rev 1.00
Page 13 of 13
June 24, 2004
EL2386
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2004. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
EL2386 Macromodel (Continued)
* Error Terms
*
ivos 0 23 0.2mA
vxx 23 0 0V
e4 24 0 3 0 1.0
e5 25 0 7 0 1.0
e6 26 0 4 0 -1.0
r9 24 23 316
r10 25 23 3.2K
r11 26 23 3.2K
*
* Models
*
.model qn npn(is=5e-15 bf=200 tf=0.1nS)
.model qp pnp(is=5e-15 bf=200 tf=0.1nS)
.model dclamp d(is=1e-30 ibv=0.266
+ bv=0.71v n=4)
.ends



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com