Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2386CS Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL2386CS
Description  250MHz Triple Current Feedback Amplifier with Disable
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2386CS Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL2386CS Datasheet HTML 1Page - Renesas Technology Corp EL2386CS Datasheet HTML 2Page - Renesas Technology Corp EL2386CS Datasheet HTML 3Page - Renesas Technology Corp EL2386CS Datasheet HTML 4Page - Renesas Technology Corp EL2386CS Datasheet HTML 5Page - Renesas Technology Corp EL2386CS Datasheet HTML 6Page - Renesas Technology Corp EL2386CS Datasheet HTML 7Page - Renesas Technology Corp EL2386CS Datasheet HTML 8Page - Renesas Technology Corp EL2386CS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
EL2386
FN7155 Rev 1.00
Page 2 of 13
June 24, 2004
Absolute Maximum Ratings (T
A = 25°C)
Voltage between VS+ and VS-. . . . . . . . . . . . . . . . . . . . . . . . +12.6V
Common-Mode Input Voltage . . . . . . . . . . . . . . . . . . . . . VS- to VS+
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±6V
Current into +IN or -IN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±7.5mA
Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . See Curves
Operating Ambient Temperature Range . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150°C
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±60mA
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
VS = ±5V, RL= 150, ENABLE = 0V, TA = 25°C unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Input Offset Voltage
2.5
15
mV
TCVOS
Average Input Offset Voltage Drift
Measured from TMIN to TMAX
5µV/°C
dVOS
VOS Matching
0.5
mV
+IIN
+Input Current
1.5
15
µA
d+IIN
+IIN Matching
20
nA
-IIN
-Input Current
16
40
µA
d-IIN
-IIN Matching
2µA
CMRR
Common Mode Rejection Ratio
VCM = ±3.5V
45
50
dB
-ICMR
-Input Current Common Mode Rejection VCM = ±3.5V
5
30
µA/V
PSRR
Power Supply Rejection Ratio
VS = ±4V to ±6V
60
70
dB
-IPSR
-Input Current Power Supply Rejection
VS = ±4V to ±6V
1
15
µA/V
ROL
Transimpedance
VOUT = ±2.5V
120
300
k
+RIN
+Input Resistance
VCM = ±3.5V
0.5
2
M
+CIN
+Input Capacitance
1.2
pF
CMIR
Common Mode Input Range
±3.5
±4.0
V
VO
Output Voltage Swing
VS = ±5V
±3.5
±4.0
V
VS = +5V single-supply, high
4.0
V
VS = +5V single-supply, low
0.3
V
IO
Output Current
50
55
mA
IS
Supply Current - Enabled (per amplifier)
ENABLE = 2.0V
3
6
mA
IS(DIS)
Supply Current - Disabled (per amplifier) ENABLE = 4.5V
0
50
µA
COUT(DIS)
Output Capacitance - Disabled
ENABLE = 4.5V
4.4
pF
RIN-EN
ENABLE Pin Input Resistance
ENABLE = 2.0V to 4.5V
45
85
k
IIH-EN
ENABLE Pin Input Current - High
ENABLE = 4.5V
-0.04
µA
IIL-EN
ENABLE Pin Input Current - Low
ENABLE = 0V
-53
µA
VDIS
Minimum Voltage at ENABLE to Disable
4.5
V
VEN
Maximum Voltage at ENABLE to Enable
2.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com