Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT15GP60BDF1 Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT15GP60BDF1
Description  POWER MOS 7 IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT15GP60BDF1 Datasheet(HTML) 4 Page - Advanced Power Technology

  APT15GP60BDF1 Datasheet HTML 1Page - Advanced Power Technology APT15GP60BDF1 Datasheet HTML 2Page - Advanced Power Technology APT15GP60BDF1 Datasheet HTML 3Page - Advanced Power Technology APT15GP60BDF1 Datasheet HTML 4Page - Advanced Power Technology APT15GP60BDF1 Datasheet HTML 5Page - Advanced Power Technology APT15GP60BDF1 Datasheet HTML 6Page - Advanced Power Technology APT15GP60BDF1 Datasheet HTML 7Page - Advanced Power Technology APT15GP60BDF1 Datasheet HTML 8Page - Advanced Power Technology APT15GP60BDF1 Datasheet HTML 9Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
APT15GP60BDF1
T
J
= 125°C, VGE = 10V or 15V
T
J
= 25°C, VGE = 10V or 15V
VCE = 400V
RG= 5Ω
L = 100 µH
V
GE =
15V,TJ=125°C
VGE= 15V
VGE= 10V
V
GE
=10V,TJ=125°C
V
GE =
10V,TJ=25°C
V
GE =
15V,TJ=25°C
T
J
= 25°C, VGE = 10V or 15V
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 9, Turn-On Delay Time vs Collector Current
FIGURE 10, Turn-Off Delay Time vs Collector Current
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 11, Current Rise Time vs Collector Current
FIGURE 12, Current Fall Time vs Collector Current
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 13, Turn-On Energy Loss vs Collector Current
FIGURE 14, Turn Off Energy Loss vs Collector Current
R
G
, GATE RESISTANCE (OHMS)
T
J
, JUNCTION TEMPERATURE (°C)
FIGURE 15, Switching Energy Losses vs. Gate Resistance
FIGURE 16, Switching Energy Losses vs Junction Temperature
R
G
=5
Ω, L = 100µH, V
CE = 400V
R
G
=5
Ω, L = 100µH, V
CE = 400V
VCE = 400V
L = 100 µH
RG = 5 Ω
T
J
= 25 or 125°C,VGE = 15V
T
J
= 25 or 125°C,VGE = 10V
VCE = 400V
VGE = +15V
RG = 5 Ω
VCE = 400V
VGE = +15V
T
J = 125°C
VCE = 400V
L = 100 µH
RG = 5 Ω
TJ=125°C, VGE=15V
T
J
= 125°C, VGE = 10V or 15V
TJ=125°C,VGE=10V
TJ = 25°C, VGE=10V
TJ = 25°C, VGE=15V
5
10
15
20
25
30
5
10
15
20
25
30
5
10
15
20
25
30
5
10
15
20
25
30
0
5
10
15
20
25
30
5
10
15
20
25
30
0
10
20
30
40
50
-50
-25
0
25
50
75
100
125
18
16
14
12
10
8
6
4
2
0
30
25
20
15
10
5
0
700
600
500
400
300
200
100
0
900
800
700
600
500
400
300
200
100
0
80
70
60
50
40
30
20
10
0
100
80
60
40
20
0
700
600
500
400
300
200
100
0
700
600
500
400
300
200
100
0
Eoff30A
Eon230A
Eon27.5A
Eoff15A
Eon215A
Eoff7.5A
Eon27.5A
Eoff15A
Eon215A
Eon230A
Eoff30A
Eoff7.5A
VCE = 400V
TJ = 25°C or 125°C
RG = 5Ω
L = 100 µH



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com