Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT15GP60BDF1 Datasheet(PDF) 5 Page - Advanced Power Technology

Part # APT15GP60BDF1
Description  POWER MOS 7 IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT15GP60BDF1 Datasheet(HTML) 5 Page - Advanced Power Technology

  APT15GP60BDF1 Datasheet HTML 1Page - Advanced Power Technology APT15GP60BDF1 Datasheet HTML 2Page - Advanced Power Technology APT15GP60BDF1 Datasheet HTML 3Page - Advanced Power Technology APT15GP60BDF1 Datasheet HTML 4Page - Advanced Power Technology APT15GP60BDF1 Datasheet HTML 5Page - Advanced Power Technology APT15GP60BDF1 Datasheet HTML 6Page - Advanced Power Technology APT15GP60BDF1 Datasheet HTML 7Page - Advanced Power Technology APT15GP60BDF1 Datasheet HTML 8Page - Advanced Power Technology APT15GP60BDF1 Datasheet HTML 9Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TYPICAL PERFORMANCE CURVES
APT15GP60BDF1
4,000
1,000
500
100
50
10
70
60
50
40
30
20
10
0
VCE,COLLECTOR-TO-EMITTERVOLTAGE(VOLTS)
VCE, COLLECTOR TO EMITTER VOLTAGE
Figure 17, Capacitance vs Collector-To-Emitter Voltage
Figure 18, Minimim Switching Safe Operating Area
0
10
20
30
40
50
0
100
200
300
400
500
600
700
Cies
Coes
Cres
0.60
0.50
0.40
0.30
0.20
0.10
0
Note:
Duty Factor D =
t1/t
2
Peak TJ = PDM x ZθJC + TC
t1
t2
0.3
0.9
0.7
0.1
0.05
0.5
SINGLE PULSE
RECTANGULARPULSEDURATION(SECONDS)
Figure 19A, Maximum Effective Transient Thermal Impedance, Junction-To-Case vs Pulse Duration
10-5
10-4
10-3
10-2
10-1
1.0
max
max1
max 2
max1
d (on )
r
d(off )
f
diss
cond
max 2
on 2
off
JC
diss
JC
Fmin(f
, f
)
0.05
f
tt
t
t
PP
f
EE
TT
P
R θ
=
=
++
+
−
=
+
−
=
FIGURE 19B, TRANSIENT THERMAL IMPEDANCE MODEL
5
1015
20
2530
35
40
45
50
292
100
50
10
IC, COLLECTOR CURRENT (A)
Figure 20, Operating Frequency vs Collector Current
TJ = 125°C
TC = 75°C
D = 50 %
VCE = 400V
RG = 5 Ω
0.216
0.284
0.00600
0.164
Power
(Watts)
RC MODEL
Junction
temp. ( ”C)
Case temperature



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com