Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4583CS Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # EL4583CS
Description  Sync Separator, 50% Slice, S-H, Filter, HOUT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4583CS Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button EL4583CS Datasheet HTML 3Page - Renesas Technology Corp EL4583CS Datasheet HTML 4Page - Renesas Technology Corp EL4583CS Datasheet HTML 5Page - Renesas Technology Corp EL4583CS Datasheet HTML 6Page - Renesas Technology Corp EL4583CS Datasheet HTML 7Page - Renesas Technology Corp EL4583CS Datasheet HTML 8Page - Renesas Technology Corp EL4583CS Datasheet HTML 9Page - Renesas Technology Corp EL4583CS Datasheet HTML 10Page - Renesas Technology Corp EL4583CS Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
EL4583
FN7173 Rev 4.00
Page 9 of 11
March 28, 2013
The signal is processed through an active 3 pole filter (F1)
designed for minimum ripple with constant phase delay. The
filter attenuates the color burst by 12dB and eliminates fast
transient spikes without sync crushing. An external filter is not
necessary. The filter also amplifies the video signal by 6dB to
improve the detection accuracy. The filter cut-off frequency is
controlled by an external resistor from pin 1 to ground.
Internal reference voltages (block VREF) with high immunity to
supply voltage variation are derived on the chip. Reference
VR4 with op-amp A2 forces pin 12 to a reference voltage of
1.7V nominal. Consequently, it can be seen that the external
resistance RSET will determine the value of the reference
current ITR. The internal resistance R3 is only about 6k,
much less than RSET. All the internal timing functions on the
chip are referenced to ITR and have excellent supply voltage
rejection.
To improve noise immunity, the output of the 3 pole filter is
brought out to pin 7. It is recommended to AC couple the
output to pin 8, the video input pin. In case of strong clean
video signal, the video input pin, pin 8, can be driven by the
signal directly.
Comparator C2 on the input to the sample and hold block (S/H)
compares the leading and trailing edges of the sync. pulse with
a threshold voltage VR2 which is referenced at a fixed level
above the clamp voltage VR1. The output of C2 initiates the
timing one-shots for gating the sample and hold circuits. The
sample of the sync tip is delayed by 0.8µs to enable the actual
sample of 2µs to be taken on the optimum section of the sync.
pulse tip. The acquisition time of the circuit is about three
horizontal lines. The double poly CMOS technology enables
long time constants to be achieved with small high quality on-
chip capacitors. The back porch voltage is similarly derived
from the trailing edge of sync, which also serves to cut off the
tip sample if the gate time exceeds the tip period. Note that the
sample and hold gating times will track RSET through IOT.
The 50% level of the sync tip is derived through the resistor
divider R1 and R2, from the sample and held voltages VTIP
and VBP and applied to the plus input of comparator C1. This
comparator has built in hysteresis to avoid false triggering. The
output of C2 is a digital 5V signal which feeds the C/S output
buffer B1, the vertical, back porch and odd/even functions.
The vertical circuit senses C/S edges and initiates an
integrator which is reset by the shorter horizontal sync pulses
but times out with the longer vertical sync. pulse widths. The
internal timing circuits are referenced to IOT and VR3, the time-
out period being inversely proportional to the timing current.
The vertical output pulse is started on the first serration pulse
in the vertical interval and is then self-timed out. In the absence
of a serration pulse, an internal timer will default the start of
vertical.
The horizontal circuit senses C/S edges and produces the true
horizontal pulses of nominal width 5µs. The leading edge is
triggered from the leading edge of the input H sync, with the
same prop. delay as composite sync. The half line pulses
present in the input signal during vertical blanking are removed
with an internal 2H eliminator circuit. The 2H eliminator initiates
a time out period after a horizontal pulse is generated. The
time out period is a function of IOT which is set by RSET.
The back porch is triggered from the sync tip trailing edge and
initiates a one-shot pulse. The period of this pulse is again a
function of IOT and will therefore track the scan rate set by
RESET.
The odd/even circuit (O/E) tracks the relationship of the
horizontal pulses to the leading edge of the vertical output and
will switch on every field at the start of vertical. Pin 13 is high
during an odd field.
Loss of video signal can be detected by monitoring the No
Signal Detect Output pin 10. The VTIP voltage held by the
sample and hold is compared with a voltage level set by RLV
on pin 2. Pin 10 output goes high when the VTIP falls below
RLV set value.
VTIP voltage is also passed through an amplifier with gain of 2
and buffed to pin 9. This provides an indication of signal
strength. This signal (Level Output) can be used for AGC
applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com