Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4583CS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL4583CS
Description  Sync Separator, 50% Slice, S-H, Filter, HOUT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4583CS Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL4583CS Datasheet HTML 1Page - Renesas Technology Corp EL4583CS Datasheet HTML 2Page - Renesas Technology Corp EL4583CS Datasheet HTML 3Page - Renesas Technology Corp EL4583CS Datasheet HTML 4Page - Renesas Technology Corp EL4583CS Datasheet HTML 5Page - Renesas Technology Corp EL4583CS Datasheet HTML 6Page - Renesas Technology Corp EL4583CS Datasheet HTML 7Page - Renesas Technology Corp EL4583CS Datasheet HTML 8Page - Renesas Technology Corp EL4583CS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FN7173 Rev 4.00
Page 1 of 11
March 28, 2013
FN7173
Rev 4.00
March 28, 2013
EL4583
Sync Separator, 50% Slice, S-H, Filter, HOUT
DATASHEET
The EL4583 extracts timing from video sync in NTSC, PAL,
and SECAM systems, and non standard formats, or from
computer graphics operating at higher scan rates. Timing
adjustment is via an external resistor. Input without valid
vertical interval (no serration pulses) produces a default
vertical output.
Outputs are: composite sync, vertical sync, filter, burst/back
porch, horizontal, no signal detect, level, and odd/even
output (in interlaced scan formats only).
The EL4583 sync slice level is set to the mid-point between
sync tip and the blanking level. This 50% point is determined
by two internal sample and hold circuits that track sync tip
and back porch levels. It provides hum and noise rejection
and compensates for input levels of 0.5V to 2.0VP-P.
A built in filter attenuates the chroma signal to prevent color
burst from disturbing the 50% sync slice. Cut off frequency is
set by a resistor to ground from the Filter Cut Off pin.
Additionally, the filter can be by-passed and video signal fed
directly to the Video Input.
The level output pin provides a signal with twice the sync
amplitude which may be used to control an external AGC
function. A TTL/CMOS compatible No Signal Detect Output
flags a loss or reduction in input signal level. A resistor sets
the Set Detect Level.
The EL4583 is manufactured using Intersil’s high
performance analog CMOS process.
Features
• NTSC, PAL, and SECAM sync separation
• Single supply, +5V operation
• Precision 50% slicing
• Built-in programmable color burst filter
• Decodes non-standard vertical
• Horizontal sync output
• Sync. pulse amplitude output
• Same socket can be used for 8 Ld EL4581
• Low-power CMOS
• Detects loss of signal
• Resistor programmable scan rate
• Few external components
• Available in 16 Ld PDIP and 16 Ld SO (0.150”) packages
• Pb-free plus anneal available (RoHS compliant)
Applications
• Video special effects
• Video test equipment
• Video distribution
•Multimedia
• Displays
•Imaging
• Video data capture
• Video triggers
Pinout
Ordering Information
PART NUMBER
PART
MARKING
TAPE &
REEL
PACKAGE
PKG.
DWG. #
EL4583CN
EL4583CN
-
16 Ld PDIP
MDP0031
EL4583CS
EL4583CS
-
16 Ld SO (0.150”) MDP0027
EL4583CS-T7
EL4583CS
7”
16 Ld SO (0.150”) MDP0027
EL4583CS-T13 EL4583CS
13”
16 Ld SO (0.150”) MDP0027
EL4583CSZ
(Note)
EL4583CSZ
-
16 Ld SO (0.150”)
(Pb-free)
MDP0027
EL4583CSZ-T7
(Note)
EL4583CSZ
7”
16 Ld SO (0.150”)
(Pb-free)
MDP0027
EL4583CSZ-T13
(Note)
EL4583CSZ
13”
16 Ld SO (0.150”)
(Pb-free)
MDP0027
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
FILTER CUT OFF
SET DETECT LEVEL
COMPOSITE SYNC OUT
FILTER INPUT
VERTICAL SYNC OUT
DIGITAL GND
FILTER OUTPUT
COMPOSITE VIDEO INPUT
ANALOG GND
HORIZONTAL SYNC OUT
VDD
ODD/EVEN OUTPUT
RSET*
BURST/BACK PORCH OUTPUT
NO SIGNAL DETECT OUTPUT
LEVEL OUTPUT
EL4583
(16 LD SO, PDIP)
TOP VIEW
*NOTE: RSET must be a 1% resistor


Similar Part No. - EL4583CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4583CS ELANTEC-EL4583CS Datasheet
272Kb / 12P
Sync Separator, 50% Slice, S-H, Filter, HOUT
logo
Intersil Corporation
EL4583CS INTERSIL-EL4583CS Datasheet
141Kb / 9P
Sync Separator, 50% Slice, S-H, Filter, Horizontal sync output
June 27, 2005
EL4583CS INTERSIL-EL4583CS Datasheet
178Kb / 10P
Sync Separator, 50% Slice, S-H, Filter, HOUT
May 5, 2006
EL4583CS INTERSIL-EL4583CS Datasheet
319Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
November 12, 2010
logo
Elantec Semiconductor
EL4583CS-T13 ELANTEC-EL4583CS-T13 Datasheet
272Kb / 12P
Sync Separator, 50% Slice, S-H, Filter, HOUT
More results

Similar Description - EL4583CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4581C ELANTEC-EL4581C Datasheet
209Kb / 12P
Sync Separator, 50% Slice, S-H, Filter
EL4583C ELANTEC-EL4583C Datasheet
272Kb / 12P
Sync Separator, 50% Slice, S-H, Filter, HOUT
logo
Intersil Corporation
EL4581 INTERSIL-EL4581 Datasheet
108Kb / 9P
Sync Separator, 50% Slice, S-H, Filter
August 16, 2002
EL4583A INTERSIL-EL4583A Datasheet
213Kb / 10P
Sync Separator, 50% Slice, S-H, Filter, HOUT
August 1, 2005
EL4583 INTERSIL-EL4583_06 Datasheet
178Kb / 10P
Sync Separator, 50% Slice, S-H, Filter, HOUT
May 5, 2006
EL4581 INTERSIL-EL4581_08 Datasheet
208Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
February 8, 2008
EL4581 INTERSIL-EL4581_10 Datasheet
361Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
November 12, 2010
EL4583 INTERSIL-EL4583_10 Datasheet
319Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
November 12, 2010
EL4583A INTERSIL-EL4583A_10 Datasheet
238Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
November 12, 2010
logo
Renesas Technology Corp
EL4583A RENESAS-EL4583A Datasheet
526Kb / 10P
Sync Separator, 50% Slice, S-H, Filter, HOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com