Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4584CSZ Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # EL4584CSZ
Description  Horizontal Genlock, 4FSC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4584CSZ Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button EL4584CSZ Datasheet HTML 3Page - Renesas Technology Corp EL4584CSZ Datasheet HTML 4Page - Renesas Technology Corp EL4584CSZ Datasheet HTML 5Page - Renesas Technology Corp EL4584CSZ Datasheet HTML 6Page - Renesas Technology Corp EL4584CSZ Datasheet HTML 7Page - Renesas Technology Corp EL4584CSZ Datasheet HTML 8Page - Renesas Technology Corp EL4584CSZ Datasheet HTML 9Page - Renesas Technology Corp EL4584CSZ Datasheet HTML 10Page - Renesas Technology Corp EL4584CSZ Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
EL4584
FN7174 Rev 3.00
Page 7 of 15
May 9, 2008
Block Diagram
Description Of Operation
The horizontal sync signal (CMOS level, falling leading
edge) is input to HSYNC input (pin 10). This signal is delayed
about 200ns, the falling edge of which becomes the
reference to which the clock output will be locked (see
“Timing Diagrams” on page 5 and page 6). The clock is
generated by the signal on pin 5, OSC IN. There are 2
general types of VCO that can be used with the EL4584; LC
and crystal controlled. Additionally, each type can be either
built-up using discrete components, including a varactor as
the frequency controlling element, or complete, self
contained modules can be purchased with everything inside
a metal can. The modules are very forgiving of PCB layout,
but cost more than discrete solutions. The VCO or VCXO is
used to generate the clock. An LC tank resonator has
greater “pull” than a crystal controlled circuit, but will also be
more likely to drift over time, and thus will generate more
jitter. The “pullability” of the circuit refers to the ability to “pull”
the frequency of oscillation away from its center frequency
by modulating the voltage on the control pin of a VCO
module or varactor, and is a function of the slope and range
of the capacitance-voltage curve of the varactor or VCO
module used. The VCO signal is sent to a divide by N
counter, and to the CLK OUT pin. The divisor N is
determined by the state of pins 1, 2 and 16 and is described
in Table 2. The divided signal is sent, along with the delayed
HSYNC input, to the phase/frequency detector, which
compares the two signals for phase and frequency
differences. Any phase difference is converted to a current at
the charge pump output FILTER (pin 7). A VCO with positive
frequency deviation with control voltage must be used.
Varactors have negative capacitance slope with voltage,
resulting in positive frequency deviation with control voltage
for the oscillators in Figures 12 and 13.
VCO
The VCO should be tuned so its frequency of oscillation is
very close to the required clock output frequency when the
voltage on the varactor is 2.5V. VCXO and VCO modules are
already tuned to the desired frequency, so this step is not
necessary if using one of these units. The range of the
charge pump output (pin 7) is 0V to 5V and it can source or
sink a maximum of about 300µA, so all frequency control
FIGURE 10. PACKAGE POWER DISSIPATION VS AMBIENT TEMPERATURE
Typical Performance Curves (Continued)
1.43W
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.4
0.2
0
0.6
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (°C)
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
1.25W
PDIP16
JA = +70°C/W
SO16 (0.150”)
JA = +80°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com