Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4584CSZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL4584CSZ
Description  Horizontal Genlock, 4FSC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4584CSZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL4584CSZ Datasheet HTML 1Page - Renesas Technology Corp EL4584CSZ Datasheet HTML 2Page - Renesas Technology Corp EL4584CSZ Datasheet HTML 3Page - Renesas Technology Corp EL4584CSZ Datasheet HTML 4Page - Renesas Technology Corp EL4584CSZ Datasheet HTML 5Page - Renesas Technology Corp EL4584CSZ Datasheet HTML 6Page - Renesas Technology Corp EL4584CSZ Datasheet HTML 7Page - Renesas Technology Corp EL4584CSZ Datasheet HTML 8Page - Renesas Technology Corp EL4584CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FN7174 Rev 3.00
Page 1 of 15
May 9, 2008
FN7174
Rev 3.00
May 9, 2008
EL4584
Horizontal Genlock, 4FSC
DATASHEET
The EL4584 is a PLL (Phase Lock Loop) sub system,
designed for video applications but also suitable for general
purpose use up to 36MHz. In video applications, this device
generates a TTL/CMOS compatible Pixel Clock (CLK OUT)
which is a multiple of the TV horizontal scan rate and phase
locked to it.
The reference signal is a horizontal sync signal, TTL/CMOS
format, which can be easily derived from an analog
composite video signal with the EL4583 Sync Separator. An
input signal to “coast” is provided for applications where
periodic disturbances are present in the reference video
timing, such as VTR head switching. The Lock detector
output indicates correct lock.
The divider ratio is four ratios for NTSC and four similar
ratios for the PAL video timing standards, by external
selection of three control pins. These four ratios have been
selected for common video applications including 4FSC,
3FSC, 13.5MHz (CCIR 601 format) and square picture
elements used in some workstation graphics. To generate
8FSC, 6FSC, 27MHz (CCIR 601 format) etc. use the
EL4585, which includes an additional divide-by-two stage.
For applications where these frequencies are inappropriate
or for general purpose PLL applications, the internal divider
can be bypassed and an external divider chain used.
Features
• 36MHz, general purpose PLL
•4FSC based timing (use the EL4585 for 8FSC)
• Compatible with EL4583 sync separator
• VCXO, Xtal, or LC tank oscillator
• < 2ns jitter (VCXO)
• User controlled PLL capture and lock
• Compatible with NTSC and PAL TV formats
• 8 pre-programmed TV scan rate clock divisors
• Selectable external divide for custom ratios
• Single 5V, low current operation
• Pb-Free available (RoHS compliant)
Applications
• Pixel clock regeneration
• Video compression engine (MPEG) clock generator
• Video capture or digitization
• PIP (Picture-in-Picture) timing generator
• Text or graphics overlay timing
Demo Board
A demo PCB is available for this product.
TABLE 1. FREQUENCIES AND DIVISORS
FUNCTION
3FSC
(Note 1)
CCIR 601
(Note 2)
SQUARE
(Note 3)
4FSC
Divisor
851
864
944
1135
PAL FOSC (MHz)
13.301
13.5
14.75
17.734
Divisor
682
858
780
910
NTSC FOSC (MHz)
10.738
13.5
12.273
14.318
NOTES:
1. 3FSC numbers do not yield integer divisors.
2. CCIR 601 Divisors yield 720 pixels in the portion of each line for
NTSC and PAL.
3. Square pixels format gives 640 pixels for NTSC and 768 pixels
for PAL in the active portion.
Ordering Information
PART NUMBER
PART
MARKING
PACKAGE
PKG.
DWG. #
EL4584CN
EL4584CN
16 Ld PDIP MDP0031
EL4584CS*
EL4584CS
16 Ld SOIC MDP0027
EL4584CSZ*
(Note)
EL4584CSZ 16 Ld SOIC
(Pb-free)
MDP0027
*Add “-T7” or “-T13” suffix for tape and reel. Please refer to TB347
for details on reel specifications.
**For 6FSC and 8FSC clock frequencies, see EL4585 datasheet.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets; molding compounds/die attach
materials and 100% matte tin plate PLUS ANNEAL - e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.


Similar Part No. - EL4584CSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4584CSZ INTERSIL-EL4584CSZ Datasheet
313Kb / 15P
Horizontal Genlock, 4FSC
May 9, 2008
More results

Similar Description - EL4584CSZ

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0118C SAMSUNG-KS0118C Datasheet
71Kb / 10P
GENLOCK ADC
logo
Elantec Semiconductor
EL4584C ELANTEC-EL4584C Datasheet
275Kb / 16P
Horizontal Genlock, 4 FSC
EL4585C ELANTEC-EL4585C Datasheet
262Kb / 16P
Horizontal Genlock, 8 FSC
logo
Integrated Circuit Syst...
AV9173-01 ICST-AV9173-01 Datasheet
148Kb / 6P
Video Genlock PLL
RevC052197
logo
Mitsumi Electronics, Co...
MM1093 MITSUMI-MM1093 Datasheet
176Kb / 7P
4fsc Clock Generator
logo
Integrated Circuit Syst...
MK9173-01 ICST-MK9173-01 Datasheet
163Kb / 7P
Video Genlock PLL
logo
Intersil Corporation
EL4584 INTERSIL-EL4584 Datasheet
313Kb / 15P
Horizontal Genlock, 4FSC
May 9, 2008
EL4585 INTERSIL-EL4585 Datasheet
271Kb / 15P
Horizontal Genlock, 8FSC
September 3, 2009
logo
Integrated Device Techn...
IDT9173B IDT-IDT9173B Datasheet
310Kb / 9P
VIDEO GENLOCK PLL
logo
Renesas Technology Corp
EL4585 RENESAS-EL4585 Datasheet
742Kb / 15P
Horizontal Genlock, 8FSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com