Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EAST2012YA2 Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # EAST2012YA2
Description  Compatible with automatic placement equipment.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAST2012YA2 Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button EAST2012YA2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAST2012YA2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAST2012YA2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAST2012YA2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAST2012YA2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAST2012YA2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAST2012YA2 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAST2012YA2 Datasheet HTML 9Page - Everlight Electronics Co., Ltd EAST2012YA2 Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DATASHEET
SMD  B
EAST2012YA2
7
Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : 02-July-2012. Issue No: 1
www.everlightamericas.com
Label Explanation
‧CPN: Customer
’s Product Number
‧P/N: Product Number
‧QTY: Packing Quantity
‧CAT: Luminous Intensity Rank
‧HUE: Chromaticity Coordinates & Dom. Wavelength Rank
‧REF: Forward Voltage Rank
‧LOT No: Lot Number
Reel Dimensions
Note: The tolerances unless mentioned is ±0.1mm ,Unit = mm
RoHS
Pb
CPN :
P N : XXXXXXXXXXXXX
XXXXXXXXXXXXX
QTY : XXX
LOT NO : XXXXXXXXXX
Reference : XXXXXXXX
CAT : XXX
HUE : XXX
REF : XXX
EVERLIGHT
MADE IN TAIWAN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com