Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EAST2012YA2 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # EAST2012YA2
Description  Compatible with automatic placement equipment.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAST2012YA2 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  EAST2012YA2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAST2012YA2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAST2012YA2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAST2012YA2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAST2012YA2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAST2012YA2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAST2012YA2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAST2012YA2 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAST2012YA2 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : 02-July-2012. Issue No: 1
www.everlightamericas.com
SMD  B
EAST2012YA2
Features
․Package in 8mm tape on 7〞diameter reel.
․Compatible with automatic placement equipment.
․Compatible with infrared and vapor phase reflow solder process.
․Mono-color type.
․Pb-free.
․The product itself will remain within RoHS compliant version.
․Compliance with EU REACH.
․Compliance Halogen Free .(Br <900 ppm ,Cl <900 ppm , Br+Cl < 1500 ppm)
Description
․The SMD LED is much smaller than lead frame type components, thus enable smaller board size, higher packing density,
reduced storage space and finally smaller equipment to be obtained.
․Besides, lightweight makes them ideal for miniature applications. etc.
Applications
․Backlighting in dashboard and switch.
․Telecommunication: indicator and backlighting in telephone and fax.
․Flat backlight for LCD, switch and symbol.
․General use.


Similar Part No. - EAST2012YA2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAST2012YA0 EVERLIGHT-EAST2012YA0 Datasheet
336Kb / 10P
Compatible with automatic placement equipment.
EAST2012YA0-AM EVERLIGHT-EAST2012YA0-AM Datasheet
322Kb / 14P
RoHS compliant
EAST2012YA1 EVERLIGHT-EAST2012YA1 Datasheet
339Kb / 10P
Compatible with automatic placement equipment.
EAST2012YA4 EVERLIGHT-EAST2012YA4 Datasheet
370Kb / 9P
Compatible with automatic placement equipment.
More results

Similar Description - EAST2012YA2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSBFB1M00J58-R0 MURATA-CSBFB1M00J58-R0 Datasheet
182Kb / 3P
compatible with automatic placement equipment
CSBFB1M00J58-R1 MURATA-CSBFB1M00J58-R1 Datasheet
182Kb / 3P
compatible with automatic placement equipment
CSBFB1M02J58-R1 MURATA-CSBFB1M02J58-R1 Datasheet
183Kb / 3P
compatible with automatic placement equipment
CSBFB1M22J58-R1 MURATA-CSBFB1M22J58-R1 Datasheet
182Kb / 3P
compatible with automatic placement equipment
CSBFB455KJ58-B0 MURATA-CSBFB455KJ58-B0 Datasheet
182Kb / 3P
compatible with automatic placement equipment
logo
Everlight Electronics C...
EAPL2121RGBA0 EVERLIGHT-EAPL2121RGBA0 Datasheet
338Kb / 12P
Compatible with automatic placement equipment
EAST10102RGBA0 EVERLIGHT-EAST10102RGBA0 Datasheet
433Kb / 13P
Compatible with automatic placement equipment.
EAST1616RGYA1 EVERLIGHT-EAST1616RGYA1 Datasheet
462Kb / 11P
Compatible with automatic placement equipment.
EAST1616RGBB2 EVERLIGHT-EAST1616RGBB2 Datasheet
383Kb / 12P
Compatible with automatic placement equipment.
EAST1616RGBA0 EVERLIGHT-EAST1616RGBA0 Datasheet
245Kb / 13P
Compatible with automatic placement equipment.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com