Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL8170FSZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # EL8170FSZ
Description  Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL8170FSZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  EL8170FSZ Datasheet HTML 1Page - Renesas Technology Corp EL8170FSZ Datasheet HTML 2Page - Renesas Technology Corp EL8170FSZ Datasheet HTML 3Page - Renesas Technology Corp EL8170FSZ Datasheet HTML 4Page - Renesas Technology Corp EL8170FSZ Datasheet HTML 5Page - Renesas Technology Corp EL8170FSZ Datasheet HTML 6Page - Renesas Technology Corp EL8170FSZ Datasheet HTML 7Page - Renesas Technology Corp EL8170FSZ Datasheet HTML 8Page - Renesas Technology Corp EL8170FSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
EL8170, EL8173
FN7490 Rev 8.00
Page 4 of 14
August 11, 2015
Typical Performance Curves V
+ = +5V, V- = 0V, VCM = +2.5V, RL = Open, unless otherwise specified.
FIGURE 1. EL8170 FREQUENCY RESPONSE vs CLOSED LOOP
GAIN
FIGURE 2. EL8173 FREQUENCY RESPONSE vs CLOSED LOOP
GAIN
FIGURE 3. EL8170 FREQUENCY RESPONSE vs SUPPLY VOLTAGE
FIGURE 4. EL8173 FREQUENCY RESPONSE vs SUPPLY VOLTAGE
FIGURE 5. EL8170 FREQUENCY RESPONSE vs CLOAD
FIGURE 6. EL8173 FREQUENCY RESPONSE vs CLOAD
30
40
50
60
70
80
90
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
GAIN = 100V/V
GAIN = 200V/V
GAIN = 500V/V
GAIN = 1,000V/V
GAIN = 2,000V/V
GAIN = 5,000V/V
GAIN = 10,000V/V
COMMON-MODE INPUT = 1/2V+
10
20
30
40
50
60
70
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
GAIN = 500
GAIN = 1000
GAIN = 200
GAIN = 100
GAIN = 50
GAIN = 20
GAIN = 10
COMMON-MODE INPUT = 1/2V+
FREQUENCY (Hz)
AV = 100
0
100
1k
10k
100k
1M
5
10
15
20
25
30
35
40
45
AV = 100
RL = 10kΩ
CL = 10pF
RF/RG = 99.02
RF = 221kΩ
RG = 2.23kΩ
V+ = 3.3V
V+ = 2.4V
V+ = 5V
V+ = 3.3V
V+ = 2.4V
V+ = 5V
AV = 10
RL = 10kΩ
CL = 10pF
RF/RG = 99.08Ω
RF = 178kΩ
RG = 19.6kΩ
100
1k
10k
100k
1M
0
5
10
15
20
FREQUENCY (Hz)
25
FREQUENCY (Hz)
CL = 470PF
AV = 100
RL = 10kΩ
V+, V- = ±2.5V
RF/RG = 99.02
RF = 221kΩ
RG = 2.23kΩ
100
1k
10k
100k
1M
25
30
35
40
45
50
CL = 820PF
CL = 220PF
CL = 56PF
AV = 10
RL = 10kΩ
V+ = 5V
RF/RG = 9.08Ω
RF = 178kΩ
RG = 19.6kΩ
FREQUENCY (Hz)
0
CL = 100PF
100
1k
10k
100k
1M
5
10
15
20
25
30
CL = 27PF
CL = 2.7PF
CL = 47PF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com