Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL8170FSZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL8170FSZ
Description  Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL8170FSZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL8170FSZ Datasheet HTML 1Page - Renesas Technology Corp EL8170FSZ Datasheet HTML 2Page - Renesas Technology Corp EL8170FSZ Datasheet HTML 3Page - Renesas Technology Corp EL8170FSZ Datasheet HTML 4Page - Renesas Technology Corp EL8170FSZ Datasheet HTML 5Page - Renesas Technology Corp EL8170FSZ Datasheet HTML 6Page - Renesas Technology Corp EL8170FSZ Datasheet HTML 7Page - Renesas Technology Corp EL8170FSZ Datasheet HTML 8Page - Renesas Technology Corp EL8170FSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
EL8170, EL8173
FN7490 Rev 8.00
Page 2 of 14
August 11, 2015
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage Range, V+ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.75V, 1V/µs
Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Differential Input Voltage
EL8170. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0.5V
EL8173. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.0V
ESD Rating
Human Body Model (EL8173). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2500V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 250V
Thermal Resistance (Typical)
JA (°C/W)
8 Ld SOIC Package (Note 4) . . . . . . . . . . . . . . . . . . . . . .
122
Output Short-Circuit Duration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Indefinite
Ambient Operating Temperature . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTE:
4.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise
noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications V+ = +5V, V- = GND, VCM = 1/2V+, RL = Open, TA = +25°C, unless otherwise specified. Boldface limits apply
over the operating temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 5)
TYP
MAX
(Note 5)
UNIT
DC SPECIFICATIONS
VOS
Input Offset Voltage
EL8170
-200
-300
±50
200
300
µV
EL8173
-1000
-1500
±200
1000
1500
µV
TCVOS
Input Offset Voltage Temperature
Coefficient
EL8170
0.24
µV/°C
EL8173
2.5
µV/°C
IOS
Input Offset Current between IN+, and IN-
and between FB+ and FB-
-2
-3
±0.2
2
3
nA
IB
Input Bias Current (IN+, IN-, FB+, and FB-
terminals)
-3
-4
±0.7
3
4
nA
VIN
Input Voltage Range
Guaranteed by CMRR test
0
5
V
CMRR
Common Mode Rejection Ratio
EL8170
VCM = 0V to +5V
90
85
114
dB
EL8173
85
80
106
dB
PSRR
Power Supply Rejection Ratio
EL8170
V+ = +2.4V to +5.5V
85
80
106
dB
EL8173
75
70
90
dB
EG
Gain Error
EL8170
RL = 100kΩ to +2.5V
-1.5
2
+0.35
1.5
2
%
EL8173
-0.4
-0.8
+0.1
0.4
0.8
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com