Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA4201 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HA4201
Description  480MHz, 1x1 Video Crosspoint Switch with Tally Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA4201 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HA4201 Datasheet HTML 1Page - Renesas Technology Corp HA4201 Datasheet HTML 2Page - Renesas Technology Corp HA4201 Datasheet HTML 3Page - Renesas Technology Corp HA4201 Datasheet HTML 4Page - Renesas Technology Corp HA4201 Datasheet HTML 5Page - Renesas Technology Corp HA4201 Datasheet HTML 6Page - Renesas Technology Corp HA4201 Datasheet HTML 7Page - Renesas Technology Corp HA4201 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HA4201
FN3680 Rev 6.00
Page 2 of 8
March 8, 2007
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSUPPLY
Digital Input Current (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . .
25mA
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . . 1800V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Thermal Resistance (Typical, Note 1)
JA (°C/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
170
Maximum Junction Temperature (Die) . . . . . . . . . . . . . . . . . . +175°C
Maximum Junction Temperature (Plastic Package) . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . -65°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . +300°C
(SOIC - Lead Tips Only)
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
JA is measured with the component mounted on an evaluation PC board in free air.
2. If an input signal is applied before the supplies are powered up, the input current must be limited to this maximum value.
Electrical Specifications
VSUPPLY = ±5V, RL = 10k, VEN = 2.0V, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP.
(°C)
MIN
TYP
MAX
UNITS
DC SUPPLY CHARACTERISTICS
Supply Voltage
Full
4.5
5.0
5.5
V
Supply Current (VOUT =0V)
VEN = 2.0V
25, 70
-
10.5
13
mA
VEN = 2.0V
0
-
-
14.5
mA
VEN = 0.8V
25, 70
-
100
115
A
VEN = 0.8V
0
-
100
125
A
ANALOG DC CHARACTERISTICS
Output Voltage Swing without Clipping
VOUT = VIN VIO 20mV
25, 70
2.7
2.8
-
V
0
2.4
2.5
-
V
Output Current
Full
15
20
-
mA
Input Bias Current
Full
-
30
50
A
Output Offset Voltage
25
-10
-
10
mV
Output Offset Voltage Drift (Note 3)
Full
-
25
50
V/°C
SWITCHING CHARACTERISTICS
Turn-On Time
25
-
160
-
ns
Turn-Off Time
25
-
320
-
ns
DIGITAL DC CHARACTERISTICS
Input Logic High Voltage
Full
2
-
-
V
Input Logic Low Voltage
Full
-
-
0.8
V
EN Input Current
VEN = 0 to 4V
Full
-2
-
2
A
Tally Output High Voltage
IOH =1mA
Full
4.7
4.8
-
V
Tally Off Leakage Current
VTALLY = 0V, -5V
Full
-20
-
20
A
AC CHARACTERISTICS
Insertion Loss
1VP-P
Full
-
0.04
0.05
dB
-3dB Bandwidth
RS =82, CL = 10pF
-
480
-
MHz
RS =43, CL = 15pF
25
-
380
-
MHz
RS =36, CL = 21pF
25
-
370
-
MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com