Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA4201 Datasheet (PDF) - Renesas Technology Corp

HA4201 Datasheet PDF - Renesas Technology Corp
Part # HA4201
Download  HA4201 Download
File Size   440.96 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 480MHz, 1x1 Video Crosspoint Switch with Tally Output

HA4201 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA4201 Datasheet PDF - Renesas Technology Corp

Part # HA4201
Download  HA4201 Click to download

File Size   440.96 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 480MHz, 1x1 Video Crosspoint Switch with Tally Output

HA4201 Datasheet (HTML) - Renesas Technology Corp


HA4201 Product details

480MHz, 1x1 Video Crosspoint Switch with Tally Output

The HA4201 is a very wide bandwidth 1x1 crosspoint switch ideal for professional video switching, HDTV, computer monitor routing, and other high performance applications. The circuit features very low power dissipation (105mW Enabled, 1mW Disabled), excellent differential gain and phase, and very high off isolation. When disabled, the output is switched to a high impedance state, making the HA4201 ideal for routing matrix equipment.

Features
• Low Power Dissipation. . . . . . . . . . . . . . . . . . . . . 105mW
• Symmetrical Slew Rates . . . . . . . . . . . . . . . . . . 1700V/s
• 0.1dB Gain Flatness. . . . . . . . . . . . . . . . . . . . . . . 250MHz
• Off Isolation (100MHz) . . . . . . . . . . . . . . . . . . . . . . . 85dB
• Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.01%
• Differential Phase. . . . . . . . . . . . . . . . . . . . . 0.01 Degrees
• High ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . >1800V
• TTL Compatible Enable Input
• Open Collector Tally Output
• Improved Replacement for GX4201
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Professional Video Switching and Routing
• Video Multiplexers
• HDTV
• Computer Graphics
• RF Switching and Routing
• PCM Data Routing




Similar Part No. - HA4201

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4201 INTERSIL-HA4201 Datasheet
79Kb / 7P
480MHz, 1 x 1 Video Crosspoint Switch with Tally Output
September 1998
HA4201 INTERSIL-HA4201 Datasheet
346Kb / 8P
480MHz, 1x1 Video Crosspoint Switch with Tally Output
March 8, 2007
HA4201CB INTERSIL-HA4201CB Datasheet
79Kb / 7P
480MHz, 1 x 1 Video Crosspoint Switch with Tally Output
September 1998
HA4201CB96 INTERSIL-HA4201CB96 Datasheet
79Kb / 7P
480MHz, 1 x 1 Video Crosspoint Switch with Tally Output
September 1998
HA4201CB96 INTERSIL-HA4201CB96 Datasheet
346Kb / 8P
480MHz, 1x1 Video Crosspoint Switch with Tally Output
March 8, 2007
More results


Similar Description - HA4201

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4201 INTERSIL-HA4201 Datasheet
79Kb / 7P
480MHz, 1 x 1 Video Crosspoint Switch with Tally Output
September 1998
HA4404B INTERSIL-HA4404B Datasheet
95Kb / 9P
330MHz, 4 x 1 Video Crosspoint Switch with Tally Outputs
July 1998
logo
Gennum Corporation
GX4201 GENNUM-GX4201 Datasheet
156Kb / 6P
Wideband, Monolithic 1x1 Video Crosspoint Switch
logo
Intersil Corporation
HA4244 INTERSIL-HA4244 Datasheet
145Kb / 6P
480MHz, 1 x 1 Video Crosspoint Switch with Synchronous Enable
September 1998
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
Video Crosspoint Switch Video Crosspoint Switch
AD8175 AD-AD8175 Datasheet
838Kb / 40P
Video Crosspoint Switch
5/07-Revision 0
logo
Intersil Corporation
HA4404B INTERSIL-HA4404B_03 Datasheet
282Kb / 9P
330MHz, 4 x 1 Video Crosspoint Switch with Tally Outputs
June 2003
HA4201 INTERSIL-HA4201_06 Datasheet
346Kb / 8P
480MHz, 1x1 Video Crosspoint Switch with Tally Output
March 8, 2007
logo
Renesas Technology Corp
HA4404B RENESAS-HA4404B Datasheet
531Kb / 9P
330MHz, 4 x 1 Video Crosspoint Switch With Tally Outputs
logo
Analog Devices
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
Video Crosspoint Switch
5/16-Rev. 0 to Rev. A
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com