Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC55121IBZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HC55121IBZ
Description  Low Power UniSLIC14 Family
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC55121IBZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HC55121IBZ Datasheet HTML 6Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 7Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 8Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 9Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 10Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 11Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 12Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 13Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
BATTERY FEED CHARACTERISTICS
Constant Loop Current Tolerance
18mA
 IL  45mA,
Forward
Only
•
Forward
Only
•••
IL = 26.5mA, RLIM = 38.3k
Forward and Reverse
(Note 27, Figure 10)
0.92IL
IL
1.08IL
mA
Tip Open State TIPX Leakage
Current
S = Closed (Figure 11)
-
-
-200
A
••••••
Tip Open State RINGX Current
R1 = 0, VBH = -48V, RLIM = 38.3k
22.6
26.8
31
mA
••••••
R1 = 2.5k, VBH = -48V (Figure 11)
15.5
17.1
18.2
mA
Tip Open State RINGX Voltage
5mA < IR1 < 26mA (Figure 11)
-
42.8
-
V
••••••
Tip Voltage (Ground Start)
Active State, (S Open) R1 = 150
(Figure 11)
-5.3
-4.8
-4.3
V
NA
NA
NA
••
NA
Tip Voltage (Ground Start)
Active State, (S Closed) Tip Lead to
••
-48V Through 7k
, Ring Lead to
Ground Through 150
(Figure 11)
-5.3
-4.8
-4.3
V
NA
NA
NA
NA
Open Circuit State Loop Current
(Active) RL = 0
-20
0
20
A
••••••
LOOP CURRENT DETECTOR
Programmable Threshold
ILTh = (500/ RD)  5mA,
0.9ILTh
ILTh
1.1ILTh
mA
Forward
Only
•
Forward
Only
•••
Forward and Reverse
ILTh = 8.5mA
RD = 58.8k
GROUND KEY DETECTOR
Ground Key Detector Threshold
Tip/Ring Current Difference
Tip Open
5
8
11
mA
••
NA
••
NA
Active (Note 29, R1 = 2.5k
, Figure 12) 12.5
20
27.5
mA
LINE VOLTAGE MEASUREMENT
Pulse Width (GKD_LVM)
Pulse Width = (20)(CREV.../ILIM)
0.32
0.36
0.4
ms/V
NA
NA
NA
•••
RING TRIP DETECTOR (DT, DR)
Ring Trip Comparator Current
Source Res = 2M
-2-
A
••••••
Input Common-Mode Range
Source Res = 2M
--
200
V
••••••
Electrical Specifications
TA = -40°C to 85°C, VCC = +5V 5%, VBH = -48V, VBL = -24V, PTG = Open, RP1 = RP2 = 0ZT = 120k, RLIM = 38.3k, RD = 50k, RDC_RAC = 20k,
ROH = 40k, CH = 0.1F, CDC = 4.7F, CRT/REV = 0.47F, GND = 0V, RL = 600. Unless Otherwise Specified.
(•) Symbol used to indicate the test
applies to the part. (NA) symbol used to indicate the test does not apply to the part. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HC55120
HC55121
HC55130/1 HC55140/1 HC55142/3 HC55150/1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com