Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC55121IBZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HC55121IBZ
Description  Low Power UniSLIC14 Family
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC55121IBZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HC55121IBZ Datasheet HTML 10Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 11Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 12Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 13Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 14Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 15Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 16Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 17Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
HC55120, HC55121, HC55130, HC55140, HC55142, HC55143, HC55150
FN4659 Rev 13.00
Page 14 of 36
June 1, 2006
23. Four-Wire to Two-Wire Gain Tracking -
The 4-wire to 2-wire
gain tracking is referenced to measurements taken for
ERX = -10dBm, 1.0kHz signal, EG source removed from circuit,
RL = 600 and is computed using the following equation:
G4-2 = 20  log (VTR/ERX) vary amplitude -40dBm to +3dBm, or
-55dBm to -40dBm and compare to -10dBm reading.
VTR, RL and ERX are defined in Figure 8. The level is specified at
the 4-wire receive port and referenced to a 600
 impedance level.
24. Two-Wire Idle Channel Noise -
The 2-wire idle channel noise
at VTR is specified with the 2-wire port terminated in 600(RL)
and with the 4-wire receive port (VTX) floating (Reference
Figure 9).
25. Four-Wire Idle Channel Noise -
The 4-wire idle channel noise
at VTX is specified with the 2-wire port terminated in 600(RL).
The noise specification is with respect to a 600
 impedance
level at VTX. The 4-wire receive port (VTX) floating (Reference
Figure 9).
26. Harmonic Distortion (2-Wire to 4-Wire) -
The harmonic
distortion is measured within the voice band with the following
conditions. EG = 0dBm at 1kHz, RL = 600. Measurement
taken at VTX. (Reference Figure 7).
27. Harmonic Distortion (4-Wire to 2-Wire) -
The harmonic
distortion is measured within the voice band with the following
conditions. ERX = 0dBm0. Vary frequency between 300Hz and
3.4kHz, RL = 600. Measurement taken at VTR. (Reference
Figure 8).
28. Constant Loop Current -
The constant loop current is
calculated using the following equation:
IL = 1000/RLIM = VTR/600 (Reference Figure 10).
29. Ground Key Detector -
(TRIGGER) Ground the Ring pin
through a 2.5k
 resistor and verify that GKD goes low.
(RESET) Disconnect the Ring pin and verify that GKD goes
high.
(Hysteresis) Compare difference between trigger and reset.
30. Electrical Test -
Not tested in production at -40°C.
Circuit Operation and Design Information
The UniSLIC14 family of SLICs are voltage feed current
sense Subscriber Line Interface Circuits (SLIC). For short
loop applications, the voltage between the tip and ring
terminals varies to maintain a constant loop current. For long
loop applications, the voltage between the tip and ring
terminals are relatively constant and the loop current varies
in proportion to the load.
The tip and ring voltages for various loop resistances are
shown in Figure 13. The tip voltage remains relatively
constant as the ring voltage moves to limit the loop current
for short loops.
The loop current for various loop resistances are shown in
Figure 14. For short loops, the loop current is limited to the
programmed current limit, set by RILIM. For long loop
applications, the loop current varies in accordance with
Ohms law for the given tip to ring voltage and the loop
resistance.
.
The following discussion separates the SLIC’s operation into
its DC and AC paths, then follows up with additional circuit
and design information.
DC Feed Curve
The DC feed curve for the UniSLIC14 family is user
programmable. The user defines the on hook and off hook
overhead voltages (including the overhead voltage for off
hook pulse metering if applicable), the maximum and
minimum loop current limits, the switch hook detect
threshold and the battery voltage. From these requirements,
the DC feed curve is customized for optimum operation in
any given application. An Excel spread sheet to calculate the
external components can be downloaded off our web site
www.intersil.com/telecom/unislic14.xls.
FIGURE 13. TIP AND RING VOLTAGES vs LOOP RESISTANCE
LOOP RESISTANCE (
)
0
-5
-10
-15
-20
-25
-30
-35
-50
-40
-45
200
600 1000 1400 1800 2000
4K
10K
6K
8K
CONSTANT
LOOP CURRENT
REGION
VBH = -48V
RD = 41.2k
ROH = 38.3k
RDC_RAC = 19.6k
RILim = 33.2k
CONSTANT TIP TO RING
VOLTAGE REGION
-44.5V
-2.5V
TIP
RING
FIGURE 14. LOOP CURRENT vs LOOP RESISTANCE
0
LOOP RESISTANCE (
)
200
600
1K
1.4K 1.8K 2.2K 2.6K
3.8K
3.0K 3.4K
35
30
25
20
15
10
5
CONSTANT
LOOP CURRENT
REGION
VBH = -48V
RD = 41.2k
ROH = 38.3k
RDC_RAC = 19.6k
RILim = 33.2k
CONSTANT TIP TO RING
VOLTAGE REGION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com