Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPL-C095WPRB Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTPL-C095WPRB
Description  SMD LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-C095WPRB Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTPL-C095WPRB Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-C095WPRB Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-C095WPRB Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-C095WPRB Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-C095WPRB Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-C095WPRB Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-C095WPRB Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-C095WPRB Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-C095WPRB Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
4/14
Part No. : LTPL-C095WPRB
BNS-OD-FC002/A4
SMD LED
LTPL-C095WPRB
NOTE:
1. Luminous flux measurement tolerance: ±10%
2. Forward voltage measurement tolerance: ±0.1V
3. Electric and optical data is tested at 300ms pulse condition.
4. Reverse voltage(VR) condition is applied to IR test only. The device is not designed for reverse operation.
3.3 Electrical / Optical Characteristics at Ta=25°C
Parameter
Symbol
LTPL-C095WPRB
Unit
Test
Condition
MIN.
TYP.
MAX.
Luminous Flux
ΦV
160
180
315
lm
IFP = 1000mA
Viewing Angle
2
θ1/2
--
120
--
Deg
Fig.2
Color Temperature
CCT
2000
--
2500
K
IFP = 1000mA
Forward Voltage
VF
3.0
3.8
4.5
V
IFP = 1000mA
Reverse Current
IR
--
--
100
μA
VR = 5V
Note 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com