Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPL-C095WPRB Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTPL-C095WPRB
Description  SMD LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-C095WPRB Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTPL-C095WPRB Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-C095WPRB Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-C095WPRB Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-C095WPRB Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-C095WPRB Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-C095WPRB Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-C095WPRB Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-C095WPRB Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-C095WPRB Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1/14
Part No. : LTPL-C095WPRB
BNS-OD-FC002/A4
SMD LED
LTPL-C095WPRB
1. Description
LITEON FLASH is a compact power LED light source specifically designed to provide greater amounts of light where needed,
enabling higher resolution pictures to be taken in lower level ambient light environments at greater distances..
1 .1 Features
Highest brightness SMD Flash LED
Instant Turn On. Very small emitter size
RoHS Compliant
1.2 Applications

Camera phones
Handhelds
Digital still cameras
2. Package Dimensions
Part No.
Lens Color
Emitted Color
LTPL-C095WPRB
Orange/White
InGaN White
Notes
1.
All dimensions are in millimeters and dimension tolerances are ±0.1mm.
2.
Dimensions without tolerances are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com