Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD10030 Datasheet(PDF) 4 Page - Cree, Inc

Part # CSD10030
Description  ZERO RECOVERY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CSD10030 Datasheet(HTML) 4 Page - Cree, Inc

  CSD10030 Datasheet HTML 1Page - Cree, Inc CSD10030 Datasheet HTML 2Page - Cree, Inc CSD10030 Datasheet HTML 3Page - Cree, Inc CSD10030 Datasheet HTML 4Page - Cree, Inc CSD10030 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PRELIMINARY
CSD10030
Page 4 • CSD10030, Rev B
Package Dimensions
Package TO-220-2
Part Number
Package
Marking
CSD10030A
TO-220-2
CSD10030
A
C
E
D
G
H
B
J
L
M
N
PIN 1
PIN 2
CASE
1
2
F
P
Q
S
T
U
V
W
X
Y
Min
Max
Min
Max
A
.381
.391
9.677
9.931
B
.240
.250
6.096
6.350
C
.100
.120
2.540
3.048
D
.223
.227
5.664
5.766
E
.595
.615
15.113 15.621
F
.143
.147
3.632
3.734
G
1.105
1.115
28.067 28.321
H
.500
.510
12.700 12.954
J
L
.025
.035
.635
.889
M
.045
.055
1.143
1.397
N
.198
.202
5.029
5.131
P
.165
.185
4.191
4.699
Q
.048
.052
1.219
1.321
S
4°
6°
4°
6°
T
4°
6°
4°
6°
U
4°
6°
4°
6°
V
.094
.098
2.387
2.489
W
.018
.025
.458
.635
X
4.5°
5.5°
4.5°
5.5°
Y
.385
.405
9.779
10.287
Inches
Millimeters
POS
R 0.197
R 5.004



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com