Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD10030 Datasheet(PDF) 1 Page - Cree, Inc

Part # CSD10030
Description  ZERO RECOVERY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CSD10030 Datasheet(HTML) 1 Page - Cree, Inc

  CSD10030 Datasheet HTML 1Page - Cree, Inc CSD10030 Datasheet HTML 2Page - Cree, Inc CSD10030 Datasheet HTML 3Page - Cree, Inc CSD10030 Datasheet HTML 4Page - Cree, Inc CSD10030 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRELIMINARY
CSD10030
Page 1 • CSD10030, Rev B
ZERO RECOVERYTM
RECTIFIER
Features
Benefits
_________
• 300 Volt Schottky Rectifier
• Replace Bipolar with Unipolar Rectifiers
• Zero Reverse Recovery
• Essentially No Switching Losses
• Zero Forward Recovery
• Higher Efficiency
• High Frequency Operation
• Reduction Of Heat Sink Requirements
• Temperature Independent Switching Behavior
• Parallel Devices without Thermal Runaway
• Extremely Fast Switching
• Positive Temperature Coefficient on VF
Applications
Package
______ ______
• Switch Mode Power Supplies
• Power Factor Correction
• Motor Drives
• Output Rectification
CSD10030A
Maximum Ratings
Parameter
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
300
V
Surge Peak Reverse Voltage
VRSM
300
V
DC Blocking Voltage
VDC
300
V
Average Forward Current
TC=150°C
IF(AV)
10
A
Repetitive Peak Forward Surge Current
TC=25°C, tP=8.3ms, Half Sine Wave
IFRM
40
A
Non-Repetitive Peak Forward Surge Current
TC=25°C, tP=10µs, Pulse
IFSM
200
A
Power Dissipation
TC = 25 °C
Ptot
79
W
Operating Junction and Storage Temperature
TJ , Tstg
-55 to +175
°C


Similar Part No. - CSD10030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSD10060 ETC-CSD10060 Datasheet
207Kb / 5P
ZERO RECOVERY RECTIFIER
logo
Cree, Inc
CSD10060 CREE-CSD10060 Datasheet
504Kb / 6P
Silicon Carbide Schottky Diode
logo
List of Unclassifed Man...
CSD10060A ETC-CSD10060A Datasheet
207Kb / 5P
ZERO RECOVERY RECTIFIER
logo
Cree, Inc
CSD10060A CREE-CSD10060A Datasheet
504Kb / 6P
Silicon Carbide Schottky Diode
logo
Inchange Semiconductor ...
CSD10060A ISC-CSD10060A Datasheet
279Kb / 2P
Zero RecoveryRectifier
More results

Similar Description - CSD10030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSD10060 ETC-CSD10060 Datasheet
207Kb / 5P
ZERO RECOVERY RECTIFIER
CSD06060 ETC-CSD06060 Datasheet
207Kb / 5P
ZERO RECOVERY RECTIFIER
CSD10120 ETC-CSD10120 Datasheet
131Kb / 4P
ZERO RECOVERY RECTIFIER
CSD20060 ETC-CSD20060 Datasheet
168Kb / 4P
ZERO RECOVERY RECTIFIER
CSD05120 ETC-CSD05120 Datasheet
145Kb / 4P
ZERO RECOVERY RECTIFIER
CSD20030 ETC1-CSD20030 Datasheet
224Kb / 4P
ZERO RECOVERY RECTIFIER
CSD01060 ETC1-CSD01060 Datasheet
211Kb / 5P
ZERO RECOVERY RECTIFIER
CSD04060 ETC-CSD04060 Datasheet
203Kb / 5P
ZERO RECOVERY RECTIFIER
logo
Cree, Inc
C2D05120E CREE-C2D05120E Datasheet
391Kb / 6P
Silicon Carbide Schottky Diode Zero Recovery Rectifier
CSD20030 CREE-CSD20030 Datasheet
239Kb / 4P
ZERO RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com