Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPL-C0675WPRB Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part # LTPL-C0675WPRB
Description  SMD LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-C0675WPRB Datasheet(HTML) 8 Page - Lite-On Technology Corporation

Back Button LTPL-C0675WPRB Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-C0675WPRB Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-C0675WPRB Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-C0675WPRB Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-C0675WPRB Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-C0675WPRB Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-C0675WPRB Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-C0675WPRB Datasheet HTML 11Page - Lite-On Technology Corporation LTPL-C0675WPRB Datasheet HTML 12Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
7/14
Part No. : LTPL-C0675WPRB
BNS-OD-FC002/A4
SMD LED
LTPL-C0675WPRB
5. Typical Electrical / Optical Characteristics Curves.
(25℃
℃
℃
℃ Ambient Temperature Unless Otherwise Noted)
Fig 1. Relative Spectrum of Emission
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
90°
60
30°
0°
50
100
60°
30°
0°
Fig 2. Radiation Characteristics
Fig 3. Forward Current Derating Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com