Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPL-C0675WPRB Datasheet(PDF) 13 Page - Lite-On Technology Corporation

Part # LTPL-C0675WPRB
Description  SMD LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-C0675WPRB Datasheet(HTML) 13 Page - Lite-On Technology Corporation

Back Button LTPL-C0675WPRB Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-C0675WPRB Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-C0675WPRB Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-C0675WPRB Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-C0675WPRB Datasheet HTML 11Page - Lite-On Technology Corporation LTPL-C0675WPRB Datasheet HTML 12Page - Lite-On Technology Corporation LTPL-C0675WPRB Datasheet HTML 13Page - Lite-On Technology Corporation LTPL-C0675WPRB Datasheet HTML 14Page - Lite-On Technology Corporation LTPL-C0675WPRB Datasheet HTML 15Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
12/14
Part No. : LTPL-C0675WPRB
BNS-OD-FC002/A4
SMD LED
LTPL-C0675WPRB
7. Cautions
7.1 Application
The LEDs described here are intended to be used for ordinary electronic equipment (such as office equipment,
communication equipment and household applications).Consult Liteon’s Sales in advance for information on applications
in which exceptional reliability is required, particularly when the failure or malfunction of the LEDs may directly jeopardize
life or health (such as in aviation, transportation, traffic control equipment, medical and life support systems and safety
devices).
7.2 Storage
This product is qualified as Moisture sensitive Level 3 per JEDEC J-STD-020 Precaution when handing this moisture
sensitive product is important to ensure the reliability of the product.
The package is sealed:
The LEDs should be stored at 30°C or less and 90%RH or less. And the LEDs are limited to use within
one year, while the LEDs is packed in moisture-proof package with the desiccants inside.
The package is opened:
The LEDs should be stored at 30°C or less and 60%RH or less. Moreover, the LEDs are limited to solder process within
168hrs. If the Humidity Indicator shows the pink color in 10% even higher or exceed the storage limiting time since
opened, that we recommended to baking LEDs at 60°C at least 48hrs. To seal the remainder LEDs return to package, it’s
recommended to be with workable desiccants in original package.
7.3 Cleaning
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED if necessary.
7.4 Soldering
Recommended soldering conditions:
Reflow soldering
Soldering iron
Pre-heat
Pre-heat time
Peak temperature
Soldering time
150~200°C
120 sec. Max.
260°C Max.
10 sec. Max.(Max. two times)
Temperature
Soldering time
300°C Max.
3 sec. Max.
(one time only)
Notes:
Because different board designs use different number and types of devices, solder pastes, reflow ovens, and circuit
boards, no single temperature profile works for all possible combinations. However, you can successfully mount your
packages to the PCB by following the proper guidelines and PCB-specific characterization.
LITE-ON Runs both component-level verification using in-house KYRAMX98 reflow chambers and board-level assembly.
The results of this testing are verified through post-reflow reliability testing. Profiles used at LITE-ON are based on
JEDEC standards to ensure that all packages can be successfully and reliably surface mounted. Figure on page2 shows
a sample temperature profile compliant to JEDEC standards. You can use this example as a generic target to set up your
reflow process. You should adhere to the JEDEC profile limits as well as specifications and recommendations from the
solder paste manufacturer to avoid damaging the device and create a reliable solder joint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com