Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS10R12VT3 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # FS10R12VT3
Description  IGBT-Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS10R12VT3 Datasheet(HTML) 5 Page - Infineon Technologies AG

  FS10R12VT3 Datasheet HTML 1Page - Infineon Technologies AG FS10R12VT3 Datasheet HTML 2Page - Infineon Technologies AG FS10R12VT3 Datasheet HTML 3Page - Infineon Technologies AG FS10R12VT3 Datasheet HTML 4Page - Infineon Technologies AG FS10R12VT3 Datasheet HTML 5Page - Infineon Technologies AG FS10R12VT3 Datasheet HTML 6Page - Infineon Technologies AG FS10R12VT3 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
TechnischeInformation/TechnicalInformation
FS10R12VT3
IGBT-Module
IGBT-modules
preparedby:MB
approvedby:IG
dateofpublication:2013-10-03
revision:2.0
VorläufigeDaten
PreliminaryData
SchaltverlusteDiode,Wechselrichter(typisch)
switchinglossesDiode,Inverter(typical)
Erec=f(IF)
RGon=82
Ω,VCE=600V
IF [A]
0
2
4
6
8
10
12
14
16
18
20
0,0
0,2
0,4
0,6
0,8
1,0
Erec, Tvj = 125°C
SchaltverlusteDiode,Wechselrichter(typisch)
switchinglossesDiode,Inverter(typical)
Erec=f(RG)
IF=10A,VCE=600V
RG [
Ω]
50
100
150
200
250
300
350
400
0,0
0,2
0,4
0,6
0,8
1,0
Erec, Tvj = 125°C
TransienterWärmewiderstandDiode,Wechselrichter
transientthermalimpedanceDiode,Inverter
ZthJH=f(t)
t [s]
0,001
0,01
0,1
1
10
0,1
1
10
ZthJH : Diode
i:
ri[K/W]:
τi[s]:
1
0,2124
0,0005
2
0,41
0,005
3
1,2685
0,05
4
1,069
0,2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com