Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS10R12VT3 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # FS10R12VT3
Description  IGBT-Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS10R12VT3 Datasheet(HTML) 2 Page - Infineon Technologies AG

  FS10R12VT3 Datasheet HTML 1Page - Infineon Technologies AG FS10R12VT3 Datasheet HTML 2Page - Infineon Technologies AG FS10R12VT3 Datasheet HTML 3Page - Infineon Technologies AG FS10R12VT3 Datasheet HTML 4Page - Infineon Technologies AG FS10R12VT3 Datasheet HTML 5Page - Infineon Technologies AG FS10R12VT3 Datasheet HTML 6Page - Infineon Technologies AG FS10R12VT3 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
TechnischeInformation/TechnicalInformation
FS10R12VT3
IGBT-Module
IGBT-modules
preparedby:MB
approvedby:IG
dateofpublication:2013-10-03
revision:2.0
VorläufigeDaten
PreliminaryData
Diode,Wechselrichter/Diode,Inverter
HöchstzulässigeWerte/MaximumRatedValues
PeriodischeSpitzensperrspannung
Repetitivepeakreversevoltage
Tvj = 25°C
VRRM

1200
 V
Dauergleichstrom
ContinuousDCforwardcurrent

IF

10
 A
PeriodischerSpitzenstrom
Repetitivepeakforwardcurrent
tP = 1 ms
IFRM

20
 A
Grenzlastintegral
I²t-value
VR = 0 V, tP = 10 ms, Tvj = 125°C
I²t

33,0
 A²s
CharakteristischeWerte/CharacteristicValues
min.
typ.
max.
Durchlassspannung
Forwardvoltage
IF = 10 A, VGE = 0 V
IF = 10 A, VGE = 0 V
VF
1,65
1,65
2,10
V
V
Tvj = 25°C
Tvj = 125°C
Rückstromspitze
Peakreverserecoverycurrent
IF = 10 A, - diF/dt = 650 A/µs (Tvj=125°C)
VR = 600 V
VGE = -15 V
IRM

16,0
16,5

A
A
Tvj = 25°C
Tvj = 125°C
Sperrverzögerungsladung
Recoveredcharge
IF = 10 A, - diF/dt = 650 A/µs (Tvj=125°C)
VR = 600 V
VGE = -15 V
Qr

1,20
2,00

µC
µC
Tvj = 25°C
Tvj = 125°C
AbschaltenergieproPuls
Reverserecoveryenergy
IF = 10 A, - diF/dt = 650 A/µs (Tvj=125°C)
VR = 600 V
VGE = -15 V
Erec

0,38
0,68

mJ
mJ
Tvj = 25°C
Tvj = 125°C
Wärmewiderstand,ChipbisGehäuse
Thermalresistance,junctiontocase
proDiode/perdiode
RthJC

2,25
2,50
K/W
Wärmewiderstand,GehäusebisKühlkörper
Thermalresistance,casetoheatsink
proDiode/perdiode
λPaste=1W/(m·K)/λgrease=1W/(m·K)
RthCH

0,70
K/W
TemperaturimSchaltbetrieb
Temperatureunderswitchingconditions

Tvj op
-40

125
°C
Modul/Module
Isolations-Prüfspannung
Isolationtestvoltage
RMS, f = 50 Hz, t = 1 min
VISOL

2,5
 kV
InnereIsolation
Internalisolation
Basisisolierung(Schutzklasse1,EN61140)
basicinsulation(class1,IEC61140)


Al2O3
 
Kriechstrecke
Creepagedistance
Kontakt-Kühlkörper/terminaltoheatsink
Kontakt-Kontakt/terminaltoterminal


5,0
10,0
 mm
Luftstrecke
Clearance
Kontakt-Kühlkörper/terminaltoheatsink
Kontakt-Kontakt/terminaltoterminal


3,2
7,0
 mm
VergleichszahlderKriechwegbildung
Comperativetrackingindex

CTI

> 225
 
min.
typ.
max.
Modulstreuinduktivität
Strayinductancemodule

LsCE

20

nH
Modulleitungswiderstand,Anschlüsse-
Chip
Moduleleadresistance,terminals-chip
TC=25°C,proSchalter/perswitch
RCC'+EE'
RAA'+CC'

9,00
9,00

m
Ω
Lagertemperatur
Storagetemperature

Tstg
-40

125
°C
Anpresskraft für mech. Bef. pro Feder
mountig force per clamp

F
30
-
50
N
Gewicht
Weight

G

10

g
With additional insulation of the mounting clamp higher values of creepage and clearance distances to
the heatsink can be achieved. For more information call your responsible sales representative.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com