Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2SW-3L2T Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # D2SW-3L2T
Description  Watertight Miniature Basic Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D2SW-3L2T Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  D2SW-3L2T Datasheet HTML 1Page - List of Unclassifed Manufacturers D2SW-3L2T Datasheet HTML 2Page - List of Unclassifed Manufacturers D2SW-3L2T Datasheet HTML 3Page - List of Unclassifed Manufacturers D2SW-3L2T Datasheet HTML 4Page - List of Unclassifed Manufacturers D2SW-3L2T Datasheet HTML 5Page - List of Unclassifed Manufacturers D2SW-3L2T Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
D2SW
D2SW
128
Specifications
Ratings
Non-inductive load
Inductive laod
Resistive load
Lamp load
Inductive load
Motor load
Model
Rated voltage
NC
NO
NC
NO
NC
NO
NC
NO
D2SW-3
125 VAC
3 A
1 A
0.5 A
1 A
0.5 A
1 A
0.5 A
250 VAC
2 A
0.5 A
0.3 A
0.5 A
0.3 A
0.5 A
0.3 A
30 VDC
3 A
1 A
1 A
1 A
D2SW-01
125 VAC
0.1 A
---
---
---
30 VDC
0.1 A
---
---
---
Note:
1. The above current ratings are the values of the steady-state current.
2. Inductive load has a power factor of 0.7 min. (AC) and a time constant of 7 ms max. (DC).
3. Lamp load has an inrush current of 10 times the steady-state current.
4. Motor load has an inrush current of 6 times the steady-state current.
Approved Standards
UL (File No. E32667)/CSA (File No. LR21642)
D2SW-3
j:
3 A at 125 VAC, 2 A at 250 VAC
D2SW-01
j:
0.1 A at 125 VAC, 0.1 A at 30 VDC
VDE (Licence No. 85002)/EN61058-1 (IEC1058-1) Approved
D2SW-01
jH:
0.1 A at 125 VAC
Contact
Item
D2SW-3
D2SW-01
Specification
Rivet
Crossbar
Material
Silver
Gold alloy
Contact Form
NC
(Red*)
NO
(Blue*)
COM
(Black*)
*Indicates the color of the lead wire.
Distributed by: Diamond Electronics Ltd
Tel: +44(0)1477 500450 Fax: +44(0)1477 500656 Mail: sales@diamondelec.co.uk
Web: www.diamondelec.co.uk



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com