Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2SW-3L2T Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # D2SW-3L2T
Description  Watertight Miniature Basic Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D2SW-3L2T Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  D2SW-3L2T Datasheet HTML 1Page - List of Unclassifed Manufacturers D2SW-3L2T Datasheet HTML 2Page - List of Unclassifed Manufacturers D2SW-3L2T Datasheet HTML 3Page - List of Unclassifed Manufacturers D2SW-3L2T Datasheet HTML 4Page - List of Unclassifed Manufacturers D2SW-3L2T Datasheet HTML 5Page - List of Unclassifed Manufacturers D2SW-3L2T Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
D2SW
D2SW
130
Dimensions
Note:
1. All units are in millimeters unless otherwise indicated.
2. Every actual model number includes the code instead of
j for the kind of terminals incorporated by the model.
3. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
Terminal Model
Note:
The following illustrations and dimensions are for models with soldered terminals. Refer to
Terminals for models with tab (#110) and
PCB terminals. The dimensions not described are the same as those of models with pin plungers.
Pin Plunger
D2SW-3
j
D2SW-01
j
Hinge Lever
D2SW-3L1
j
D2SW-01L1
j
Simulated Hinge Lever
D2SW-3L3
j
D2SW-01L3
j
0.5
6.4
±0.2
PT
OP
2.9
7.7
10.1
R0.8
1.6
3.2
1.8 dia.
7.5
±0.1
7.3
3.3
±0.1
1.8
1.6
2.5 dia.
±0.07
5.15
0.55
19.8
±0.2
15.5
±0.2
18.7
±0.2
9.5
±0.1
8.5
±0.2
14.5
OP
t = 0.3 Stainless
steel lever
5.9
3.6
15.8
OP
FP
5.9
3.6
t = 0.3 Stainless
steel lever
2.35
+0.1
–0.05
2.35
+0.1
–0.05
dia.
holes
FP
R1.3
Hinge Roller Lever
D2SW-3L2
j
D2SW-01L2
j
t = 0.3 Stainless
steel lever
14.5
OP
FP
5.9
4.8 dia. x 3.2
Polyacetal roller
Distributed by: Diamond Electronics Ltd
Tel: +44(0)1477 500450 Fax: +44(0)1477 500656 Mail: sales@diamondelec.co.uk
Web: www.diamondelec.co.uk



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com