Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP9011ABZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HIP9011ABZ
Description  Engine Knock Signal Processor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP9011ABZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HIP9011ABZ Datasheet HTML 3Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 4Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 5Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 6Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 7Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 8Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 9Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 10Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
HIP9011
FN4367 Rev 2.00
Page 10 of 11
January 6, 2006
The Digital SPI Block diagram in Figure 5 shows the
programming flow of the chip. An eight bit word is received at
the SI port. Data is shifted in by the SCK clock when the chip
is enable by the CS pin. The word is decoded by the address
decoding circuit, and the information is directed to one of 5
registers. These registers control the following chip functions:
1. Band Pass Filter frequency.
2. Gain control or attenuation.
3. Integration time constant of the rectified BPF output.
4. Prescaler.
5. Test/Channel Select.
a) Test conditions of the part.
b) Channel select to one of two input amplifiers.
A crystal oscillator circuit is provided. The chip requires at
minimum a 4MHz crystal to be connected across OSCIN and
OSCOUT pins. An external 4MHz signal may also be
provided to the OSCIN Terminal Pin 9.
In the diagnostic mode, we can use the digital multiplexer to
output one of the following results through the SO pin (11):
1. Value of one of the five registers in the chip
2. Buffered value of the SI pin (12).
3. Value of an internal comparator used to rectify the analog
signal
A digital SPI filter is located in the SPI Block which provides
a pseudo noise immunity characteristic.
The digital SPI filter operation requires that the SCK be low
prior to the fall of CS, followed by 8 SCK pulses (low-high-
low transitions). With the SCK ending the pulse sequence in
a logic low condition, the transition of CS from a low to high
transition will cause the data-word in the SPI Buffer to be
loaded into the proper addressed programmable register.
During the Integration mode, INT/HOLD pin is high, any
single SPI byte that is entered will be acted upon if the
conditions of the digital SPI filter are met. The digital SPI
filter allows for only 8 bits per word to be accepted.
SCK
CS
ADDRESS DECODER
PRESCALER/SO TERMINAL STATUS
GAIN CONTROL
INTEGRATOR TIME CONSTANT
TEST/CHANNEL SELECT CONTROL
COMP OUT
SO
SI
BANDPASS FILTER
FIGURE 5. PROGRAMMABLE REGISTERS AND STATE MACHINE
SI
TEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com