Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP9011ABZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HIP9011ABZ
Description  Engine Knock Signal Processor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP9011ABZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  HIP9011ABZ Datasheet HTML 1Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 2Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 3Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 4Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 5Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 6Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 7Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 8Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
HIP9011
FN4367 Rev 2.00
Page 2 of 11
January 6, 2006
Pinout
HIP9011
(SOIC)
TOP VIEW
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
VDD
VMID
INTOUT
INT/HOLD
CS
SO
SI
SCK
TEST
CH1IN
CH1FB
CH0FB
CH0IN
GND
NC
NC
OSCIN
OSCOUT
CH0NI
CH1NI
Pin Descriptions
PIN
NUMBER
DESIGNATION
DESCRIPTION
1VDD
Five volt power input.
2
GND
This pin is tied to ground.
3VMID
This pin is connected to the internal mid-supply generator and is brought out for bypassing by a 0.022
F capacitor.
4
INTOUT
Buffered output of the integrator. Output signal is held by an internal Sample and Hold circuit when INT/HOLD is
low.
5, 6
NC
These pins are not internally connected. Do Not Use.
7INT/HOLD
Selects whether the chip is in the Integrate Mode (Input High) or in the Hold Mode (Input Low). This pin has an
internal pull down.
8CS
A low input on this pin enables the chip to communicate over the SPI bus. This pin has an internal pull-up.
9
OSCIN
Input to inverter used for the oscillator circuit. A 4MHz crystal or ceramic resonator is connected between this pin and
pin 10. To bias the inverter, a 1.0M
 to 10M resistor is usually connected between this pin and pin 10.
10
OSCOUT
Output of the inverter used for the oscillator. See pin 9 above.
11
SO
Output of the chip SPI data bus. This is a three-state output that is controlled via the SPI bus. The output is
placed in the high impedance state by setting CS high when the chip is not selected. This high impedance state
can also be programmed by setting the LSB of the prescaler word to 1. This will take precedence over CS. A 0
enables the active state. The Diagnostic Mode overrides these conditions.
12
SI
Input of the chip SPI data bus. Data length is eight bits. This pin has an internal pull-up.
13
SCK
Input from the SPI clock. Normally low, the data is transferred to the chip internal circuitry on the falling clock
edge. This pin has an internal pull up.
14
TEST
A low on this pin places the chip in the diagnostic mode. For normal operation this pin is tied high or left open.
This pin has an internal pull up.
15
CH1NI
Non-inverting input of Channel one.
16
CH1IN
Inverting input to channel one amplifier. A resistor is tied from this summing input to the transducer. A second
resistor is tied between this pin and pin 17, CH1FB to establish the gain of the amplifier.
17
CH1FB
Output of the channel one amplifier. This pin is used to apply feedback.
18
CH0FB
Output of the channel zero amplifier. This pin is used to apply feedback.
19
CH0IN
Inverting input to channel zero amplifier. Remainder same as channel one amplifier except feedback is applied
from pin 18.
20
CH0NI
Non-inverting input of Channel 0. Remainder the same as pin 16, except feedback is applied from terminal 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com