Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS-Z-R000035 Datasheet(PDF) 1 Page - Isabellenhütte Heusler GmbH & Co. KG

Part # BAS-Z-R000035
Description  PRECISION RESISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

BAS-Z-R000035 Datasheet(HTML) 1 Page - Isabellenhütte Heusler GmbH & Co. KG

  BAS-Z-R000035 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG BAS-Z-R000035 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG BAS-Z-R000035 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 /3
ISA-WELD® // PRECISION RESISTORS
BAS // SIZE 8420 (METRIC)
Isabellenhütte Heusler GmbH & Co. KG // sales.components@isabellenhuette.de // Issue 08-February-2018 // Current valid issue: see www.isabellenhuette.de
▪ Current sensor for EBM (Electronic Battery Management) in
motorcars, trucks, forklifts, hybrid and electric vehicles
▪ Current sensing in bus bars
▪ Current sensing in welding equipments
▪ Up to 30 W permanent power
▪ Continuous current load up to 350 A (0.1 mOhm)
▪ High pulse power rating
▪ Max. fastening torque 10 Nm
▪ Shunt available with tinned or untinned terminals
▪ Further versions with various dimensions upon request
▪ AEC-Q200 qualified (automotive version "A")
Features
Applications
Technical data
Resistance values
mOhm
0.035 / 0.05 / 0.1 / 0.2 / 0.5
Tolerance
%
5
Temperature coefficient (20-60 °C)
ppm/K
50
Applicable temperature range
°C
-40 to +170
Power rating
W
30 (0.035 mΩ)
Internal heat resistance (Rthi)
K/W
see table on page 2
Thermal EMV (0-100 °C)
µV/K
0.6 (MANGANIN®) / 1 (ZERANIN®30)
Inductance
nH
<3
Stability (Nominal load) deviation after 2,000 h
TK = Terminal temperature
< 0.5 % (TK= 110°C )
< 1.0 % (TK= 140°C )
Packaging Information
140 pcs. per tube for automotive version „A“
100 pcs. sealed in plastic bags evacuated and refilled with dry nitrogen for non automotive version


Similar Part No. - BAS-Z-R000035

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
BAS-04 DGNJDZ-BAS-04 Datasheet
824Kb / 2P
Low Forward Voltage
BAS-04 DGNJDZ-BAS-04 Datasheet
93Kb / 2P
Low turn-on voltage
BAS-05 DGNJDZ-BAS-05 Datasheet
824Kb / 2P
Low Forward Voltage
BAS-05 DGNJDZ-BAS-05 Datasheet
93Kb / 2P
Low turn-on voltage
BAS-06 DGNJDZ-BAS-06 Datasheet
824Kb / 2P
Low Forward Voltage
More results

Similar Description - BAS-Z-R000035

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
Precision Resistors Precision Resistors
logo
RHOPOINT COMPONENTS
A-H2 RHOPOINT-A-H2 Datasheet
68Kb / 2P
Precision Resistors
SMH-B-R010-1.0 RHOPOINT-SMH-B-R010-1.0 Datasheet
139Kb / 3P
Precision Resistors
logo
Isabellenhütte Heu...
BVB ISABELLENHUETTE-BVB Datasheet
1Mb / 4P
PRECISION RESISTORS
BVH ISABELLENHUETTE-BVH Datasheet
504Kb / 4P
Precision resistors
CMK ISABELLENHUETTE-CMK Datasheet
1Mb / 4P
Precision resistors
CMS ISABELLENHUETTE-CMS Datasheet
1Mb / 4P
Precision resistors
BVT ISABELLENHUETTE-BVT Datasheet
725Kb / 4P
Precision resistors
SMT ISABELLENHUETTE-SMT Datasheet
1Mb / 5P
Precision resistors
VLK ISABELLENHUETTE-VLK Datasheet
802Kb / 4P
PRECISION RESISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com