Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS-Z-R000035 Datasheet(PDF) 3 Page - Isabellenhütte Heusler GmbH & Co. KG

Part # BAS-Z-R000035
Description  PRECISION RESISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

BAS-Z-R000035 Datasheet(HTML) 3 Page - Isabellenhütte Heusler GmbH & Co. KG

  BAS-Z-R000035 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG BAS-Z-R000035 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG BAS-Z-R000035 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Isabellenhütte Heusler GmbH & Co. KG // sales.components@isabellenhuette.de // Issue 08-February-2018 // Current valid issue: see www.isabellenhuette.de
3 /3
ISA-WELD® // PRECISION RESISTORS
BAS // SIZE 8420 (METRIC)
Temperature dependence of the electrical resistance
Power derating curve, R=0.1 mOhm
Stability < 1.0 %
Improved stability < 0.5 %
P/PNom
Terminal temperature TK [°C]
dR/R20 [%]
0
0,25
0,5
0,75
1
1,25
0
20
40
60
80
100
120
140
160
180
Disclaimer // All products, product specifications and data are subject to change without notice.
The product specifications do not expand or otherwise modify Isabellenhütte’s terms and conditions of sale, including but not limited to, the war-
ranty expressed therein. Isabellenhütte makes no warranty, representation or guarantee other than as set forth in its terms and conditions of sale.
Information provided in datasheets and/or specifications may vary from actual results in different applications. Any statements made by Isabel-
lenhütte regarding the suitability of products for certain types of applications are based on its knowledge of typical requirements that are often
placed on its products. It is the customer’s responsibility to validate that a particular product with the properties described in the product specifi-
cation is suitable for use in the application intended.
No license, express or implied, or otherwise, to any intellectual property rights is granted by this document.
Any and all liability arising out of the application or use of any product shall be as set forth in Isabellenhütte’s terms and conditions of sale.
Maximum pulse energy respectively pulse power for permanent operation
Pulse width [s]
0,0001
0,001
0,01
0,1
1
10
100
0,01
0,1
1
10
100
1000
10000
0,000001
0,00001
0,0001
0,001
0,01
0,1
1
10
100
This curve is only valid for the resistance value R0001. The shape of the curve in the range below 0.1 sec will be different for other resistance values.
Therefore a separate qualification should be made for pulse power close to the above curve.
- - - - Single pulse
____ Pulse power for continuous operation
1000
10000
-1,2
-1,0
-0,8
-0,6
-0,4
-0,2
0,0
0,2
0,4
0,6
0,8
1,0
-40
-20
0
20
40
60
80
100
120
140
160
TCR = 0 ppm/K
TCR = -50 ppm/K
TCR = +50 ppm/K
Temperature [°C]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com