Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BRS-Z-R002 Datasheet(PDF) 2 Page - Isabellenhütte Heusler GmbH & Co. KG

Part # BRS-Z-R002
Description  PRECISION RESISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

BRS-Z-R002 Datasheet(HTML) 2 Page - Isabellenhütte Heusler GmbH & Co. KG

  BRS-Z-R002 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG BRS-Z-R002 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG BRS-Z-R002 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG BRS-Z-R002 Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG BRS-Z-R002 Datasheet HTML 5Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2 /5
ISA-WELD® // PrEcISIon rESIStorS
BrS // SIzE 3812
Isabellenhütte Heusler GmbH & co. KG // sales.components@isabellenhuette.de // Issue 28-Oktober-2014 // current valid issue: see www.isabellenhuette.de
Recommended solder profile
Reflow- and IR-soldering
temperature
°C
260
255
217
time
sec
peak
40
90
Tape and reel information
Specification
DIn En 60286-3
tape width
mm
16
reel size
inch
13
Parts per reel
pcs
2500
Packaging weight
g
447
Resistance values
Tolerance
1.0
2.0
3.0
5.0
r002
r003
r010
r025
Available standard resistance values and tolerances*
* Further values and tolerances on request
= available
Type
Value [mΩ]
Thickness [mm]
Rthi [K/W]
TC [ppm/K]
P [W]
BrS-z-r002
2
0.50
25
< 130
2
BrS-M-r003
3
0.50
35
< 100
2
BrS-n-r010
10
0.40
70
< 100
2
BrS-A-r025
25
0.24
170
< 100
1
Ordering code
BrS - n - r010 - 2.0
tolerance
resistance value [ohm] / „r“ represents decimal point
Material (nicr8020)
type



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com