Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BRS-Z-R002 Datasheet(PDF) 3 Page - Isabellenhütte Heusler GmbH & Co. KG

Part # BRS-Z-R002
Description  PRECISION RESISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

BRS-Z-R002 Datasheet(HTML) 3 Page - Isabellenhütte Heusler GmbH & Co. KG

  BRS-Z-R002 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG BRS-Z-R002 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG BRS-Z-R002 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG BRS-Z-R002 Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG BRS-Z-R002 Datasheet HTML 5Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3 /5
ISA-WELD® // PrEcISIon rESIStorS
BrS // SIzE 3812
Isabellenhütte Heusler GmbH & co. KG // sales.components@isabellenhuette.de // Issue 28-Oktober-2014 // current valid issue: see www.isabellenhuette.de
Stability < 1.0 %
Stability < 2.0 %
Temperature dependence of the electrical resistance
of BRS-M and BRS-z resistors
Temperature dependence of the electrical resistance
of BRS-N resistors
typical BrS-M curve
typical BrS-z curve
dr/r20 [%]
temperature [°c]
-1
-0,8
-0,6
-0,4
-0,2
0
0,2
0,4
0,6
0,8
1
-40
-20
0
20
40
60
80
100
120
140
Power derating curve (2 mOhm)
P/Pnom
terminal temperature tK [°c]
dr/r20 [%]
temperature [°c]
-1
-0,8
-0,6
-0,4
-0,2
0
0,2
0,4
0,6
0,8
1
-40
-20
0
20
40
60
80
100
120
140
0
0,25
0,5
0,75
1
1,25
0
20
40
60
80
100
120
140
160
180
Single pulse surge curve < 10 ms
Wsec
mohm
0
10
20
30
40
50
0
2
4
6
8
10
12



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com