Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVB-I-R002 Datasheet(PDF) 2 Page - Isabellenhütte Heusler GmbH & Co. KG

Part # BVB-I-R002
Description  PRECISION RESISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

BVB-I-R002 Datasheet(HTML) 2 Page - Isabellenhütte Heusler GmbH & Co. KG

  BVB-I-R002 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG BVB-I-R002 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG BVB-I-R002 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG BVB-I-R002 Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 /4
ISA-WELD® // PrEcISIon rESIStorS
BVB // Size 2725
Isabellenhütte Heusler GmbH & co. KG // sales.components@isabellenhuette.de // Issue 18-February-2016 // current valid issue: see www.isabellenhuette.de
0,0001
0,001
0,01
0,1
1
10
100
0,01
0,1
1
10
100
1000
10000
0,01
0,1
1
10
100
Recommended solder profile
Reflow-, IR-soldering
temperature
°C
260
255
217
time
sec
peak
40
90
Tape and reel information
Specification
DIn En 60286-3
tape width
mm
16
reel size
inch
13
Parts per reel
pcs
1400
Packaging weight
g
439
Maximum pulse energy respectively pulse power for permanent operation
Pulse width [sec]
1000
10000
this curve is valid for the resistance value r0002 only.
this curve is valid for the resistance value r005 only. For other values the area in between the max. and min curve is valid.
this curve is valid for the resistance value r0005 only.
Type
Value [mΩ] Rthi [K/W]
TCR [ppm/K]
P100°C [W] P70°C [W]
BVB-Z-r0002
0.2
4
<20
5
12
BVB-Z-r0005
0.5
8
<20
5
9
BVB-M-r001
1.0
15
<50
4
6
BVB-I-r002
2.0
14
<50
4
6
BVB-V-r002
2.0
17
<50
4
6
BVB-I-r003
3.0
21
<50
3
5
BVB-I-r004
4.0
28
<50
2
4
BVB-I-r005
5.0
33
<50
2
3
Material type I=ISAoHM®, M=MAnGAnIn®, Z=ZErAnIn®, V=noVEntIn®



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com