Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVB-I-R002 Datasheet(PDF) 4 Page - Isabellenhütte Heusler GmbH & Co. KG

Part # BVB-I-R002
Description  PRECISION RESISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

BVB-I-R002 Datasheet(HTML) 4 Page - Isabellenhütte Heusler GmbH & Co. KG

  BVB-I-R002 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG BVB-I-R002 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG BVB-I-R002 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG BVB-I-R002 Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Isabellenhütte Heusler GmbH & co. KG // sales.components@isabellenhuette.de // Issue 18-February-2016 // current valid issue: see www.isabellenhuette.de
4 /4
ISA-WELD® // PrEcISIon rESIStorS
BVB // Size 2725
Mechanical dimensions and pcb-layout proposal (Reflow-soldering) [mm] // Drawing no. Z-YH-180
Disclaimer // All products, product specifications and data are subject to change without notice. the product specifications do not expand or otherwise modify
Isabellenhütte’s terms and conditions of sale, including but not limited to, the warranty expressed therein. Isabellenhütte makes no warranty, representation or
guarantee other than as set forth in its terms and conditions of sale. Information provided in datasheets and/or specifications may vary from actual results in dif-
ferent applications. Any statements made by Isabellenhütte regarding the suitability of products for certain types of applications are based on its knowledge of
typical requirements that are often placed on its products. It is the customer’s responsibility to validate that a particular product with the properties described in
the product specification is suitable for use in the application intended. no license, express or implied, or otherwise, to any intellectual property rights is granted
by this document. Any and all liability arising out of the application or use of any product shall be as set forth in Isabellenhütte’s terms and conditions of sale.
Specification
Parameters
Test conditions
Specified values
temperature cycling
2000 cycles (-55 °C to +150 °C)
±0.5%
Low temperature Storage and operation
-65 °C for 250 h
±0.1%
resistance to Soldering Heat
260 °C for 10 sec / 8h steam aging
n.a.
Moisture resistance
MIL-StD-202 method 106
±0.1%
Mechanical Shock
100 g, 6 ms half sine
±0.2%
Vibration, High Frequency
10 g, 10-2000 Hz, 24 h each axis
±0.2%
operational Life
2000 h, t
K max at nominal load
±1.0%, t
K = 140 °C
High temperature Exposure
2000 h / 170 °C
±1.0% (in covered condition) *
Bias Humidity
+85 °C, 85 r.F., 1000 h
±0.5%
* for MAnGAnIn® and ZErAnIn®30



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com