Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVH-A-R002 Datasheet(PDF) 2 Page - Isabellenhütte Heusler GmbH & Co. KG

Part # BVH-A-R002
Description  Precision resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

BVH-A-R002 Datasheet(HTML) 2 Page - Isabellenhütte Heusler GmbH & Co. KG

  BVH-A-R002 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG BVH-A-R002 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG BVH-A-R002 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG BVH-A-R002 Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 / 4
Den aktuellen Stand des Datenblattes finden Sie auf unserer Internetseite - The current valid issue of the data sheet can be found on our website
Ausgabe / Issue BVH-2013-07-10
e-mail: sales.components@isabellenhuette.de - Internet: www.isabellenhuette.de
BVH
Bauform / size : 3820
Lastminderungskurve (BVH-M-R0005) /
Power derating curve (BVH-M-R0005)
tk, Lastminderung und Langzeitstabilität / tcr, power derating and long term stability
Typische Temperaturabhängigkeit eines BVH Widerstandes
Typical temperature dependence of a BVH resistor
Grenzkurve
Limiting curve
temperaturabhängigkeit des elektrischen Widerstandes von
MAnGAnIn®-Widerständen /
temperature dependence of the electrical resistance of
MAnGAnIn®-resistors
Verbesserte Stabilität / Improved stability 0.5 %
Stabilität / Stability 1.0 %
Temperatur [°C] / Temperature [°C]
Langzeitstabilität von MANGANIN®-Widerständen bei 140 °C
Typischer Kurvenverlauf /
Long term stability of MANGANIN®-resistors at 140 °C
Typical run of the curve
Widerstandsänderung [%] /
Resistance change [%]
Auslagerungszeit [h] / Time [h]
Kontaktstellentemperatur T
K [°C] / Terminal temperature TK [°C]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com