Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVH-A-R002 Datasheet(PDF) 4 Page - Isabellenhütte Heusler GmbH & Co. KG

Part # BVH-A-R002
Description  Precision resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

BVH-A-R002 Datasheet(HTML) 4 Page - Isabellenhütte Heusler GmbH & Co. KG

  BVH-A-R002 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG BVH-A-R002 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG BVH-A-R002 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG BVH-A-R002 Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 / 4
Den aktuellen Stand des Datenblattes finden Sie auf unserer Internetseite - The current valid issue of the data sheet can be found on our website
Ausgabe / Issue BVH-2013-07-10
e-mail: sales.components@isabellenhuette.de - Internet: www.isabellenhuette.de
BVH
Bauform / size : 3820
10000
Grenzkurve für maximale Pulsenergie bzw. Pulsleistung für Dauerbetrieb /
Maximum pulse energy respectively pulse power for permanent operation
Isabellenhütte Heusler GmbH & Co. KG
Eibacher Weg 3-5 - D-35683 Dillenburg - Telefon / Phone +49 (0) 27 71 9 34 - 0 - Fax: +49 (0) 27 71 2 30 30
Die dargestellte Kurve gilt für den Widerstandswert R0005. Für andere Werte kann die Kurve im unteren Bereich ggf. anders verlaufen, so dass in Grenzbereichen eine separate
Qualifikation erfolgen sollte. /
This curve is only valid for the resistance value R0005. The progression of the curve in the lower range could be different for other resistance values. Therefore a separate
qualification should be made in thresholds.
1000
Specification
Parameters
test conditions
Specified values
Temperature Cycling
2000 cycles (-55 °C to +150 °C)
n.a.
Low Temperature Storage and Operation
-65 °C for 24 h
±0.2 %
Resistance to Soldering Heat
260 °C for 10 sec / 8h steam aging
n.a.
Moisture Resistance
MIL-STD-202 method 106
±0.1 %
Mechanical Shock
100 g, 6 ms half sine
±0.2 %
Vibration, High Frequency
20 g, 10-2000 Hz
±0.2 %
Operational Life
2000 h, TK max at nominal load
±1.0 % (TK = 135 °C)
High Temperature Exposure
2000 h / 170 °C
±1.0 %
Bias Humidity
+85 °C, 85 r.F., 1000 h
±0.5 %



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com