Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7136CPLZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICL7136CPLZ
Description  31/2 Digit LCD, Low Power Display, A/D Converter with Overrange Recovery
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7136CPLZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICL7136CPLZ Datasheet HTML 2Page - Renesas Technology Corp ICL7136CPLZ Datasheet HTML 3Page - Renesas Technology Corp ICL7136CPLZ Datasheet HTML 4Page - Renesas Technology Corp ICL7136CPLZ Datasheet HTML 5Page - Renesas Technology Corp ICL7136CPLZ Datasheet HTML 6Page - Renesas Technology Corp ICL7136CPLZ Datasheet HTML 7Page - Renesas Technology Corp ICL7136CPLZ Datasheet HTML 8Page - Renesas Technology Corp ICL7136CPLZ Datasheet HTML 9Page - Renesas Technology Corp ICL7136CPLZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ICL7136
FN3086 Rev 6.00
Page 6 of 15
July 21, 2005
Detailed Description
Analog Section
Figure 2 shows the Analog Section for the ICL7136. Each
measurement cycle is divided into four phases. They are (1)
auto-zero (A-Z), (2) signal integrate (INT) and (3) de-
integrate (DE), (4) zero integrate (ZI).
Auto-Zero Phase
During auto-zero three things happen. First, input high and low
are disconnected from the pins and internally shorted to analog
COMMON. Second, the reference capacitor is charged to the
reference voltage. Third, a feedback loop is closed around the
system to charge the auto-zero capacitor CAZ to compensate
for offset voltages in the buffer amplifier, integrator, and
comparator. Since the comparator is included in the loop, the A-
Z accuracy is limited only by the noise of the system. In any
case, the offset referred to the input is less than 10
V.
Signal Integrate Phase
During signal integrate, the auto-zero loop is opened, the
internal short is removed, and the internal input high and low
Pin Descriptions
PIN NUMBER
NAME
FUNCTION
DESCRIPTION
40 PIN DIP
44 PIN
FLATPACK
1
8
V+
Supply
Power Supply.
2
9
D1
Output
Driver Pin for Segment “D” of the display units digit.
3
10
C1
Output
Driver Pin for Segment “C” of the display units digit.
4
11
B1
Output
Driver Pin for Segment “B” of the display units digit.
5
12
A1
Output
Driver Pin for Segment “A” of the display units digit.
6
13
F1
Output
Driver Pin for Segment “F” of the display units digit.
7
14
G1
Output
Driver Pin for Segment “G” of the display units digit.
8
15
E1
Output
Driver Pin for Segment “E” of the display units digit.
9
16
D2
Output
Driver Pin for Segment “D” of the display tens digit.
10
17
C2
Output
Driver Pin for Segment “C” of the display tens digit.
11
18
B2
Output
Driver Pin for Segment “B” of the display tens digit.
12
19
A2
Output
Driver Pin for Segment “A” of the display tens digit.
13
20
F2
Output
Driver Pin for Segment “F” of the display tens digit.
14
21
E2
Output
Driver Pin for Segment “E” of the display tens digit.
15
22
D3
Output
Driver pin for segment “D” of the display hundreds digit.
16
23
B3
Output
Driver pin for segment “B” of the display hundreds digit.
17
24
F3
Output
Driver pin for segment “F” of the display hundreds digit.
18
25
E3
Output
Driver pin for segment “E” of the display hundreds digit.
19
26
AB4
Output
Driver pin for both “A” and “B” segments of the display thousands digit.
20
27
POL
Output
Driver pin for the negative sign of the display.
21
28
BP/GND
Output
Driver pin for the LCD backplane/Power Supply Ground.
22
29
G3
Output
Driver pin for segment “G” of the display hundreds digit.
23
30
A3
Output
Driver pin for segment “A” of the display hundreds digit.
24
31
C3
Output
Driver pin for segment “C” of the display hundreds digit.
25
32
G2
Output
Driver pin for segment “G” of the display tens digit.
26
34
V-
Supply
Negative power supply.
27
35
INT
Output
Integrator amplifier output. To be connected to integrating capacitor.
28
36
BUFF
Output
Input buffer amplifier output. To be connected to integrating resistor.
29
37
A-Z
Input
Integrator amplifier input. To be connected to auto-zero capacitor.
30
31
38
39
IN LO
IN HI
Input
Differential inputs. To be connected to input voltage to be measured. LO and HI
designators are for reference and do not imply that LO should be connected to lower
potential, e.g., for negative inputs IN LO has a higher potential than IN HI.
32
40
COMMON
Supply/
Output
Internal voltage reference output.
33
34
41
42
CREF-
CREF+
Connection pins for reference capacitor.
35
36
43
44
REF LO
REF HI
Input
Input pins for reference voltage to the device. REF HI should be positive reference to
REF LO.
37
3
TEST
Input
Display test. Turns on all segments when tied to V+.
38
39
40
4
6
7
OSC3
OSC2
OSC1
Output
Output
Input
Device clock generator circuit connection pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com