Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7136CPLZ Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICL7136CPLZ
Description  31/2 Digit LCD, Low Power Display, A/D Converter with Overrange Recovery
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7136CPLZ Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICL7136CPLZ Datasheet HTML 7Page - Renesas Technology Corp ICL7136CPLZ Datasheet HTML 8Page - Renesas Technology Corp ICL7136CPLZ Datasheet HTML 9Page - Renesas Technology Corp ICL7136CPLZ Datasheet HTML 10Page - Renesas Technology Corp ICL7136CPLZ Datasheet HTML 11Page - Renesas Technology Corp ICL7136CPLZ Datasheet HTML 12Page - Renesas Technology Corp ICL7136CPLZ Datasheet HTML 13Page - Renesas Technology Corp ICL7136CPLZ Datasheet HTML 14Page - Renesas Technology Corp ICL7136CPLZ Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
ICL7136
FN3086 Rev 6.00
Page 12 of 15
July 21, 2005
FIGURE 10. ICL7136 USED AS A DIGITAL CENTIGRADE
THERMOMETER
FIGURE 11. CIRCUIT FOR DEVELOPING UNDERRANGE AND
OVERRANGE SIGNAL FROM ICL7136 OUTPUTS
FIGURE 12. AC TO DC CONVERTER WITH ICL7136
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
OSC 1
OSC 2
OSC 3
TEST
REF HI
REF LO
CREF
CREF
COMMON
IN HI
IN LO
A-Z
BUFF
INT
V -
G2
C3
A3
G3
BP
50pF
TO PIN 1
0.1
F
0.01
F
†
100k
 1M
9V
390k
†
0.47
F
TO BACKPLANE
TO DISPLAY
A silicon diode-connected transistor has a temperature coefficient
of about -2mV/oC. Calibration is achieved by placing the sensing
transistor in ice water and adjusting the zeroing potentiometer for a
000.0 reading. The sensor should then be placed in boiling water
and the scale-factor potentiometer adjusted for a 100.0 reading.
† Value depends on clock frequency.
SCALE
FACTOR
ADJUST
200k
 470k
22k
SILICON NPN
MPS 3704 OR
SIMILAR
ZERO
ADJUST
+
-
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
V+
D1
C1
B1
A1
F1
G1
E1
D2
C2
B2
A2
F2
E2
D3
B3
F3
E3
AB4
POL
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
OSC 1
OSC 2
OSC 3
TEST
REF HI
REF LO
CREF
CREF
COMMON
IN HI
IN LO
A-Z
BUFF
INT
V-
G2
C3
A3
G3
BP
O /RANGE
U /RANGE
CD4023 OR
74C10
CD4077
TO LOGIC
VCC
V+
TO
LOGIC
V-
GND
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
OSC 1
OSC 2
OSC 3
TEST
REF HI
REF LO
CREF
CREF
COMMON
IN HI
IN LO
A-Z
BUFF
INT
V -
G2
C3
A3
G3
BP
50pF
TO PIN 1
0.1
F
180k
20k
220k
180k
0.047
F
0.47
F
TO BACKPLANE
TO DISPLAY
Test is used as a common-mode reference level to ensure compatibility with most op amps.
10
F
9V
10
F
470k
1
F
4.3k
100pF
(FOR OPTIMUM
BANDWIDTH)
1
F
10k
10k
1N914
1
F
0.22
F
5
F
CA3140
2.2M
+
-
100k
AC IN
SCALE FACTOR ADJUST
(VREF = 100mV FOR AC TO RMS)
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com