Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVMN28/ML Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DVMN28/ML
Description  HIGH RELIABILITY EMI FILTER AND INPUT ATTENUATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DVMN28/ML Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DVMN28/ML Datasheet HTML 1Page - List of Unclassifed Manufacturers DVMN28/ML Datasheet HTML 2Page - List of Unclassifed Manufacturers DVMN28/ML Datasheet HTML 3Page - List of Unclassifed Manufacturers DVMN28/ML Datasheet HTML 4Page - List of Unclassifed Manufacturers DVMN28/ML Datasheet HTML 5Page - List of Unclassifed Manufacturers DVMN28/ML Datasheet HTML 6Page - List of Unclassifed Manufacturers DVMN28/ML Datasheet HTML 7Page - List of Unclassifed Manufacturers DVMN28/ML Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DVMN28
15005DSC
2
SPECIFICATIONS (T
CASE = -55°C to +100°C, VIN = +28V ± 5%, Full Load, Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
50 VDC
Power Dissipation (Continuous)
12 Watts
Input Voltage (Transient, up to 10
µs)
600 Volts
Storage Temperature
-65°C to +135°C
Output Current
1
14 Amps
Lead Solder Temperature (10 seconds)
300°C
Weight (Maximum)
75 Grams
DVMN28
Parameter
Conditions
Min
Typ
Max
Units
STATIC
Continuous
With load
16
28
50
V
Transient
5 ms, RS = 0.5 Ω
-40
-
70
V
Transient
3
50 ms, RS = 0.5 Ω
-
-
110
V
INPUT
Voltage
2
Transient
10
µs, RS = 50 Ω
-
-
600
V
No Load
-
-
12
mA
Current
Inhibited
-
-
2.0
mA
OUTPUT
Voltage
Continuous
VOUT = VIN – (IIN x RDC)
V
Power
1,4
Continuous
250
W
Current
1,4
Continuous
14
A
Open Circuit
-
14
16
V
INHIBIT PIN VOLTAGE
2
Inhibited
0
-
0.8
V
INHIBIT PIN CURRENT
2
Inhibit Pin Voltage = 0 to 0.8 V
-
-
-300
µA
UNDERVOLTAGE
LOCKOUT
7
-
14
V
OUTPUT CLAMP
VOLTAGE
51
-
55
V
DC RESISTANCE
Continuous
60
mΩ
POWER DISSIPATION
Continuous
-
-
12
W
NOISE REJECTION
f = 500 kHz
50
60
-
dB
CAPACITANCE
2
Pin to Case
-
85
-
nF
ISOLATION
Any Pin to Case, 500 VDC
100
-
-
MΩ
MTBF (MIL-HDBK-217F)
GB @ TC = 55°C
-
2052
-
kHrs
Notes:
1. Derate linearly to 0 at 110°C.
2. Verified by qualification testing.
3. Output inhibit used with load converters as in Figure 3.
4. Maximum rating applies at any voltage.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com